Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 92 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 92 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 88Page - Microchip Technology LAN9117 Datasheet HTML 89Page - Microchip Technology LAN9117 Datasheet HTML 90Page - Microchip Technology LAN9117 Datasheet HTML 91Page - Microchip Technology LAN9117 Datasheet HTML 92Page - Microchip Technology LAN9117 Datasheet HTML 93Page - Microchip Technology LAN9117 Datasheet HTML 94Page - Microchip Technology LAN9117 Datasheet HTML 95Page - Microchip Technology LAN9117 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 114 page
background image
LAN9117
DS00002267A-page 92
 2005-2016 Microchip Technology Inc.
5.5.8
MODE CONTROL/STATUS
5.5.9
SPECIAL MODES
1
Page Received.
1 = new page received
0 = new page not yet received
RO/LH
0
0
Link Partner Auto-Negotiation Able.
1 = link partner has auto-negotiation ability
0 = link partner does not have auto-negotiation ability
RO
0
Index (In Decimal):
17
Size:
16-bits
Bits
Description
Type
Default
15-14
Reserved. Write as 0; ignore on read.
RW
0
13
EDPWRDOWN. Enable the Energy Detect Power-Down mode:
0=Energy Detect Power-Down is disabled
1=Energy Detect Power-Down is enabled
RW
0
12-2
Reserved. Write as 0, ignore on read
RW
0
1
ENERGYON. Indicates whether energy is detected This bit goes to a “0” if
no valid energy is detected within 256ms. Reset to “1” by hardware reset,
unaffected by SW reset.
RO
1
0
Reserved. Write as “0”. Ignore on read.
RW
0
Index (In Decimal):
18
Size:
16-bits
Address
Description
Type
Default
15-8
Reserved
RW,
NASR
7:5
MODE: PHY Mode of operation. Refer to Table 5-9 for more details.
RW,
NASR
See
Table 5-9
4:0
PHYAD: PHY Address:
The PHY Address is used for the SMI address.
RW,
NASR
00001b
TABLE 5-9:
MODE CONTROL
Mode
Mode Definitions
Default Register Bit Values
Register 0
Register 4
[13,12,10,8]
[8,7,6,5]
000
10Base-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10Base-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100Base-TX Half Duplex. Auto-negotiation disabled.
CRS is active during Transmit & Receive.
1000
N/A
011
100Base-TX Full Duplex. Auto-negotiation disabled.
CRS is active during Receive.
1001
N/A
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com