Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 34 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 34 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 30Page - ELM Electronics ELM327LSM Datasheet HTML 31Page - ELM Electronics ELM327LSM Datasheet HTML 32Page - ELM Electronics ELM327LSM Datasheet HTML 33Page - ELM Electronics ELM327LSM Datasheet HTML 34Page - ELM Electronics ELM327LSM Datasheet HTML 35Page - ELM Electronics ELM327LSM Datasheet HTML 36Page - ELM Electronics ELM327LSM Datasheet HTML 37Page - ELM Electronics ELM327LSM Datasheet HTML 38Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
Bus Initiation
Both the ISO 9141-2 and ISO 14230-4 (KWP2000)
standards require that the vehicle’s OBD bus be
‘initialized’ before any communications can take place.
The ISO 9141 standard allows for only a slow (2 to 3
second) initiation process, while ISO 14230 allows for
both a slow method, and a faster alternative.
The ELM327 will perform this bus initiation for you,
but generally not until a request needs to be sent (but
you can force one with the FI and SI commands). If the
bus initiation occurs during an automatic search, you
will not see any status reporting, but if you have the
Auto option off (and are set to protocols 3, 4, or 5),
then you will see a message similar to this:
BUS INIT: ...
The three dots appear only as the slow initiation
process is carried out – a fast initiation does not show
the dots. This will be followed by either the expression
‘OK’ to say it was successful, or else an error message
to indicate that there was a problem. (The most
common error encountered is in forgetting to turn the
vehicle’s key to the ‘ON’ position before attempting to
talk to the vehicle.)
Once the bus has been initiated, communications
must take place regularly (typically at least once every
five seconds), or the bus will revert to a low-power
‘sleep’ mode. If you are not sending data requests
often enough, the ELM327 will generate requests for
you to ensure that the bus stays ‘awake’. You will
never see the responses to these, but you may see
the transmit LED flash periodically as these are being
sent.
By default, the ELM327 ensures that these
‘wakeup’ or ‘idle’ messages are sent every 3 seconds,
but this is adjustable with the AT SW command. The
contents of the wakeup message are also user
programmable with the AT WM command, if you
should wish to change them. Users generally do not
have to change either of the above, as the default
settings work well with most systems.
34 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com