Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 11 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 11 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 7Page - ELM Electronics ELM327LSM Datasheet HTML 8Page - ELM Electronics ELM327LSM Datasheet HTML 9Page - ELM Electronics ELM327LSM Datasheet HTML 10Page - ELM Electronics ELM327LSM Datasheet HTML 11Page - ELM Electronics ELM327LSM Datasheet HTML 12Page - ELM Electronics ELM327LSM Datasheet HTML 13Page - ELM Electronics ELM327LSM Datasheet HTML 14Page - ELM Electronics ELM327LSM Datasheet HTML 15Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Several parameters within the ELM327 can be
adjusted in order to modify its behaviour. These do not
normally have to be changed before attempting to talk
to the vehicle, but occasionally the user may wish to
customize these settings – for example by turning the
character echo off, adjusting a timeout value, or
changing the header bytes. In order to do this, internal
‘AT’ commands must be used.
Those familiar with PC modems will immediately
recognize AT commands as a standard way in which
modems are internally configured. The ELM327 uses
essentially the same method, always watching the
data sent by the PC, looking for messages that begin
with the character ‘A’ followed by the character ‘T’. If
found, the next characters will be interpreted as an
internal configuration or ‘AT’ command, and will be
executed upon receipt of a terminating carriage return
character. If the command is just a setting change, the
ELM327 will reply with the characters ‘OK’, to say that
it was successfully completed.
Some of the following commands allow passing
numbers as arguments in order to set the internal
values. These will always be hexadecimal numbers
which must generally be provided in pairs. The
hexadecimal conversion chart in the OBD Commands
section (page 31) may be helpful if you wish to
interpret the values. Also, you should be aware that for
the on/off types of commands, the second character is
the number 1 or the number 0, the universal terms for
on and off.
The remainder of this page, and the two pages
following provide a summary of all of the commands
that the current version of the ELM327 recognizes. A
more complete description of each command begins
on page 13. Note that the settings which are shown
with an asterisk (*) are the default values.
11 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Command Summary
AT Commands
General Commands
<CR>
repeat the last command
BRD hh
try Baud Rate Divisor hh
BRT hh
set Baud Rate Timeout
D
set all to Defaults
E0, E1
Echo off, or on*
FE
Forget Events
I
print the version ID
L0, L1
Linefeeds off, or on
LP
go to Low Power mode
M0, M1
Memory off, or on
RD
Read the stored Data
SD hh
Save Data byte hh
WS
Warm Start (quick software reset)
Z
reset all
@1
display the device description
@2
display the device identifier
@3 cccccccccccc store the @2 identifier
Programmable Parameter Commands
PP xx OFF disable Prog Parameter xx
PP FF OFF all Prog Parameters disabled
PP xx ON
enable Prog Parameter xx
PP FF ON
all Prog Parameters enabled
PP xx SV yy for PP xx, Set the Value to yy
PPS
print a PP Summary
Voltage Reading Commands
CV dddd
Calibrate the Voltage to dd.dd volts
CV 0000
restore CV value to factory setting
RV
Read the input Voltage
Other
IGN
read the IgnMon input level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com