Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 87 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 87 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 83Page - ELM Electronics ELM327LSM Datasheet HTML 84Page - ELM Electronics ELM327LSM Datasheet HTML 85Page - ELM Electronics ELM327LSM Datasheet HTML 86Page - ELM Electronics ELM327LSM Datasheet HTML 87Page - ELM Electronics ELM327LSM Datasheet HTML 88Page - ELM Electronics ELM327LSM Datasheet HTML 89Page - ELM Electronics ELM327LSM Datasheet HTML 90Page - ELM Electronics ELM327LSM Datasheet HTML 91Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
87 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Modifications for Low Power Standby Operation (continued)
then reset the chip, and the voltages will always be
correct for J1850 from that point on.
Note that the LP2951 regulator also requires a
4.7uF tantalum capacitor for stability (and it helps with
transient capability too).
Leaving U4’s pin 3 solidly connected to circuit
common, we now find that the current is about:
current after mod #3 = 1.1 mA
and, if we tie pin 3 of the LP2951 to pin 16 of the
ELM327, the LP current becomes:
current after mod #4 = 0.9 mA
We can suggest one more change at this point.
The MCP2551 shown draws about 0.3 mA when in
standby mode, and this can be improved upon. By
replacing this chip with the newer MCP2561, the
standby current will be reduced even further. Typically,
you will see a change of at least 0.2 mA, giving:
current after mod #5 = 0.7 mA
The current has been reduced considerably
through the circuit modifications, but why is there still
current flowing? This is due to a number of things,
some that you can change, others which you can not.
The MCP2561 and the ELM327 are never completely
shut off, but are instead in a low power mode, while
the LP2950 regulator is operating normally (as the
MCP2551 and the ELM327 need it). You can not do
anything about that.
There are some currents that you may reduce, by
choice in your design. The R25/R26 resistor pair uses
current, but do you really need to monitor battery
voltage? Similarly, the R20/R21 pair passes current,
but does your application need ISO9141 or ISO14230
support? The OBD Tx LED flashes when in Low
Power mode, but do you need it to? (You may turn it
off with PP 0F b0, but it only uses about 25 µA on
average). All of these little currents eventually add up
to what we’ve measured here.
These few changes that we have shown have
reduced the total current from 24 mA to less than 1 mA
(and power from about 300 mW to 8 mW) - a
considerable
savings.
We
leave
any
further
improvements to you.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com