Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 76 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 76 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 72Page - ELM Electronics ELM327LSM Datasheet HTML 73Page - ELM Electronics ELM327LSM Datasheet HTML 74Page - ELM Electronics ELM327LSM Datasheet HTML 75Page - ELM Electronics ELM327LSM Datasheet HTML 76Page - ELM Electronics ELM327LSM Datasheet HTML 77Page - ELM Electronics ELM327LSM Datasheet HTML 78Page - ELM Electronics ELM327LSM Datasheet HTML 79Page - ELM Electronics ELM327LSM Datasheet HTML 80Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
Maximum CAN Data Rates (continued)
processed. You can see from the figure that even for a
500 kbps message with an 11 bit ID, the ELM327
finishes
with
time
to
spare.
Since
ISO15765-4
specifies that messages must be 8 data bytes in length
(filler bytes are added as needed) these times do
represent the typical situation, with a 40% bus load.
Actually, from these numbers the ELM327 should be
able to handle 100% bus loading (which is not a
practical situation).
Once the ELM327 has placed all of the properly
formatted bytes into the RS232 transmit buffer, it is up
to the controlling computer to fetch them in a timely
fashion. If the bytes are removed too slowly, the buffer
will continue to fill as new OBD messages arrive, and
the buffer will eventually become full. It does not
matter how big the buffer is, if the rate of removing
bytes from the buffer is slower than the rate of putting
them into the buffer, it will eventually fill up. When it is
full, you will see a ‘BUFFER FULL’ message, and you
will have to start over.
The ELM327 transmit buffer is 512 bytes in size
(and the ELM327L’s is 2048 bytes). Considering that
some bytes will be sent while new messages are being
queued, this means that the ELM327 can typically
store:
38.4k 115.2k 500k
11 bit/500k
28
38
–
29 bit/250k
26
56
–
messages in the buffer, if the bus loading is at 40%,
as shown. This storage is more than enough for
almost all OBD requests – the only time that you might
get into trouble is if you are monitoring all messages
on the bus (AT MA) with no filters set. In that case, you
would need to be sure that you are removing bytes as
fast as they are being generated.
The rate at which OBD messages occur depends
on the ‘bus loading’. This is a utilization factor that is
very similar to the duty cycle for a square wave signal.
Ideally, bus loading should be less than about 30%,
but as vehicles become more complex, this is very
difficult to do. Some vehicles are reportedly seeing
70% bus loads.
The above chart does not show any numbers in
the 500k column, as the buffer should never fill up
when bus loading is 40%. As you increase loading,
you will eventually reach the limit, but even with very
busy data busses, we typically see about 150
messages before a BUFFER FULL is reported (the
ELM327L will typically show twice that many).
What can you do to eliminate (or at least delay)
the ‘BUFFER FULL’ messages? You might try a few
things. First, learn to adjust the baud rate with PP 0C.
This will always be of benefit, and may just solve your
problems. Next, we often see log files that show many
‘<DATA ERROR’ messages. These occur because
only some messages on the vehicle’s data bus are
actually in a format that could be OBD data. To
eliminate these error messages, turn off the CAN
formatting (with AT CAF0). To help further, you can
reduce the amount of data that gets sent. Simply
turning off spaces and Linefeeds (AT S0, AT L0) may
be all that you need to do.
When people ask us then, ‘What data rate can the
ELM327 support?’ the answer is not easy to provide,
as it depends on many factors. It depends on the CAN
message content, the data rate, and whether you have
selected filters to eliminate irrelevant messages. The
rate also depends on the RS232 baud rate that you
have chosen, as it may be the limiting factor if there
are a great number of messages being retrieved. If
you are only fetching 10 or 20 messages, however, the
internal buffer takes care of them for you, and the
baud rate that you choose does not matter.
If you are simply fetching PID responses from the
network, there really is no limitation within the
ELM327, and it does not matter what the ‘maximum
CAN data rate’ is. If you are trying to ‘push the
envelope’, monitoring everything that travels on a very
busy CAN data bus, then there will be limitations.
What they are depend to a great deal on what choices
you make. Hopefully this discussion will have helped
to give you the necessary background information to
do so.
76 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com