Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 72 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 72 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 68Page - ELM Electronics ELM327LSM Datasheet HTML 69Page - ELM Electronics ELM327LSM Datasheet HTML 70Page - ELM Electronics ELM327LSM Datasheet HTML 71Page - ELM Electronics ELM327LSM Datasheet HTML 72Page - ELM Electronics ELM327LSM Datasheet HTML 73Page - ELM Electronics ELM327LSM Datasheet HTML 74Page - ELM Electronics ELM327LSM Datasheet HTML 75Page - ELM Electronics ELM327LSM Datasheet HTML 76Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
0E
Power Control options (continued)
b1: Ignition delay
0: 1 sec
1: 5 sec
delay after IgnMon (pin 15) returns to a high level, before
normal operation resumes
b0: reserved for future - leave set at 0
Programmable Parameter Summary (continued)
10
J1850 voltage settling time
setting (in msec) = (PP 10 value) x 4.096
0D
(53 msec)
00 to FF
0F
D5
(11010101)
00 to FF
Activity Monitor options
Each bit controls an option, as follows:
b7: monitor master control
0: disabled
1: enabled
must be 1 to allow b3 to b6
b6: allow wake from Low Power
0: no
1: yes
wakes on shift from no activity to activity
b5: Auto LP control
0: disabled
1: enabled
allows low power mode if the OBD activity stops
b4: Auto LP timeout
0: 30 secs
1: 150 secs
no OBD activity timeout setting
b3: Auto LP warning
0: disabled
1: enabled
if enabled, says ‘ACT ALERT’ on timeout
b2: reserved for future - leave set at 1
b1: add exclamation mark
0: no
1: yes
if 1, sends ‘!’ before ACT ALERT and LP ALERT
b0: LP LED
0: disabled
1: enabled
if 1, the OBD Tx LED flashes when in Low Power mode
(one 16 msec flash repeated every 4 seconds)
D
R
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
72 of 94
PP
Description
Values
Default
Type
11
J1850 Break Signal monitor enable
(reports BUS ERROR if break signal duration limits are exceeded)
D
00
(ON)
00 = ON
FF = OFF
12
J1850 Volts (pin 3) output polarity
normal = Low output for 5V, High output for 8V
invert = High output for 5V, Low output for 8V
R
00 = invert
FF = normal
FF
(normal)
13
Time delay added between protocols 1 & 2 during a search
setting (in msec) = 150 + (PP 13 value) x 4.096
I
55
(498 msec)
00 to FF
ISO/KWP final stop bit width (provides P4 interbyte time)
setting (in µsec) = 98 + (PP 14 value) x 64
D
14
50
(5.2 msec)
00 to FF
15
ISO/KWP maximum inter-byte time (P1), and also used for
the minimum inter-message time (P2).
setting (in msec) = (PP 15 value) x 2.112
D
0A
(21 msec)
00 to FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com