Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 40 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 40 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 36Page - ELM Electronics ELM327LSM Datasheet HTML 37Page - ELM Electronics ELM327LSM Datasheet HTML 38Page - ELM Electronics ELM327LSM Datasheet HTML 39Page - ELM Electronics ELM327LSM Datasheet HTML 40Page - ELM Electronics ELM327LSM Datasheet HTML 41Page - ELM Electronics ELM327LSM Datasheet HTML 42Page - ELM Electronics ELM327LSM Datasheet HTML 43Page - ELM Electronics ELM327LSM Datasheet HTML 44Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
Setting the Headers
The emissions related diagnostic trouble codes
that most people are familiar with are described in the
SAE J1979 standard (ISO15031-5). They represent
only a portion of the data that a vehicle may have
available – much more can be obtained if you are able
to direct the requests elsewhere.
Accessing most OBDII diagnostics information
requires that requests be made to what is known as a
a ‘functional address.’ Any processor that supports the
function will respond to the request (and theoretically,
many different processors can respond to a single
functional request). In addition, every processor (or
ECU) will also respond to what is known as their
physical address. It is the physical address that
uniquely identifies each module in a vehicle, and
permits you to direct more specific queries to only one
particular module.
To retrieve information beyond that of the OBDII
requirements then, it will be necessary to direct your
requests to either a different functional address, or to
an ECU’s physical address. This is done by changing
the data bytes in the message header.
As an example of functional addressing, let us
assume that you want to request that the processor
responsible for Engine Coolant provide the current
Fluid Temperature. You do not know its address, so
you consult the SAE J2178 standard and determine
that Engine Coolant is functional address 48. SAE
standard J2178 also tells you that for your J1850 VPW
vehicle, a priority byte of A8 is appropriate. Finally,
knowing that a scan tool is normally address F1, you
have enough information to specify the three header
bytes (A8 48 and F1). To tell the ELM327 to use these
new header bytes, all you need is the Set Header
command:
>AT SH A8 48 F1
OK
The three header bytes assigned in this manner
will stay in effect until changed by the next AT SH
command, a reset, or an AT D.
Having set the header bytes, you now need only
send the secondary ID for fluid temperature (10) at the
prompt. If the display of headers is turned off, the
conversation could look like this:
>10
10 2E
The first byte in the response echoes the request,
as usual, while the data that we requested is the 2E
byte. You may find that some requests, being of a low
priority, may not be answered immediately, possibly
40 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
encapsulated within a message, with ‘header’ bytes at
the beginning, and a ‘checksum’ at the end. The
J1850, ISO 9141-2, and ISO 14230-4 protocols all use
essentially the same structure, with three header
bytes, a maximum of seven data bytes and one
checksum byte.
The ISO 15765-4 (CAN) protocol uses a very
similar structure (see Figure 4), the main difference
really only relating to the structure of the header. CAN
header bytes are not referred to as header bytes –
they are called ‘ID bits’ instead. The initial CAN
standard defined the ID bits as being 11 in number,
while the more recent CAN standard now allows for
either 11 or 29 bit IDs.
The ELM327 does not normally show any of these
extra bytes unless you turn that feature on with the
Headers On command (AT H1). Issuing that allows
you to see the header bytes and the checksum byte
(for the J1850, ISO 9141 and ISO 14230 protocols).
For the CAN protocols, you will see the ID bits, and
other items which are normally hidden such as the PCI
byte for ISO 15765, or the data length codes (if they
are enabled with PP 29, or AT D1). Note that the
ELM327 does not display the checksum information
for CAN systems, or the IFR bytes for J1850 systems.
It is not necessary to ever have to set these
header byes, or to perform a checksum calculation, as
the ELM327 will always do this for you. The header
bytes are adjustable however, should you wish to
experiment with advanced messages such as those
for physical addressing. The next section provides a
discussion on how to do this…
OBD Message Formats (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com