Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 92 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 92 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 86Page - ELM Electronics ELM327LSM Datasheet HTML 87Page - ELM Electronics ELM327LSM Datasheet HTML 88Page - ELM Electronics ELM327LSM Datasheet HTML 89Page - ELM Electronics ELM327LSM Datasheet HTML 90Page - ELM Electronics ELM327LSM Datasheet HTML 91Page - ELM Electronics ELM327LSM Datasheet HTML 92Page - ELM Electronics ELM327LSM Datasheet HTML 93Page - ELM Electronics ELM327LSM Datasheet HTML 94Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
Outline Diagrams
The diagrams at the right show the three package
styles that the ELM327L is available in.
The top diagram shows our ELM327LP product in
what is commonly called a ‘300 mil skinny DIP
package’. It is used for through hole applications.
The middle diagram shows the ELM327LSM
dimensions. This package is also often referred to as
being 300 mil (0.300”) wide, and is called an SOIC
(Small Outline IC) package. We have chosen to simply
refer to it as the SM (surface mount) version.
The bottom drawing shows our smaller surface
mount ELM327LSS. The body width is narrower and
the IC may be referred to as a 208 mil device, or the
equivalent 5.30 mm as shown. This package is often
used when space is at a premium (but is more difficult
to hand solder).
The drawings shown here provide only the basic
dimensions for these ICs. Please refer to the following
Microchip Technology Inc. documentation for more
detailed information:
Package Drawings and Dimensions Specification,
(document name en012702.pdf - 7.5 MB).
Go to www.microchip.com, select ‘Design Support’
then ‘Documentation’ then ‘Packaging Specifications’,
or go directly to www.microchip.com/packaging
PIC18F66K80 Family Data Sheet,
(document name 39977fd.pdf - 5.1 MB).
Go to www.microchip.com, select ‘Design Support’
then ‘Documentation’ then ‘Data Sheets, and search
for 18F25K80.
ELM327 is a registered trademark of Elm Electronics Inc.
All rights reserved. Copyright 2005 to 2014 by Elm Electronics Inc.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
Note: all dimensions shown are in mm.
92 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
2.54
ELM327LP
max
10.92
7.24
5.30
ELM327LSS
7.80
0.65
7.50
ELM327LSM
10.30
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com