Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 55 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 55 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 51Page - ELM Electronics ELM327LSM Datasheet HTML 52Page - ELM Electronics ELM327LSM Datasheet HTML 53Page - ELM Electronics ELM327LSM Datasheet HTML 54Page - ELM Electronics ELM327LSM Datasheet HTML 55Page - ELM Electronics ELM327LSM Datasheet HTML 56Page - ELM Electronics ELM327LSM Datasheet HTML 57Page - ELM Electronics ELM327LSM Datasheet HTML 58Page - ELM Electronics ELM327LSM Datasheet HTML 59Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
ELM327L
55 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
J1939 Support (continued)
the values assigned to the PDU Format field. If the
PDU Format value begins with ‘F’ (when expressed as
a hexadecimal number), it is PDU2. Any other value
for the first digit means that it is a PDU1 Format frame,
which contains an address.
To summarize, PDU1 format frames are sent to a
specific address, and PDU2 frames are sent to all
addresses. To further complicate matters, however,
PDU1 frames may be sent to all addresses. This is
done by sending the message to a special ‘global
address’ which has the value FF. That is, if you see a
PDU1 message (where the first digit of the PDU
Format byte is not an F), and the Destination Address
is FF, then that message is being sent to all devices.
The J1939 recommended practices document
provides a list of addresses that should be used by
devices. It is particularly important to adhere to this list
with the ELM327, as the IC uses a fixed address
method and is not able to negotiate a different one, per
J1939-81. OBD Service Tools should use either F9 or
FA as their address (the ELM327 uses F9). If you wish
to change this, you can use the AT TA (tester address)
command, or simply define it with the header.
You may use either the AT SH or the AT CP and
AT SH commands to assign values for the J1939 ID
bits, just the same as with the other CAN protocols.
How these are used was discussed previously, but we
will repeat it here.
Since the priority (and DP and EDP) values only
rarely change, they may be assigned with the CP
command. By default, the ELM327 uses a priority of 6
(binary 110), and sets the EDP and DP bits both to 0.
The default value for the CP setting is then 110+0+0
(which would be entered as 11000 or 18 in hex). The
values for the other bytes of the J1939 ID are entered
with the AT SH command, as shown in Figure 5.
This has tried to cover the basics of the J1939
message structure, but if you want more information,
you
should
look
at
the
standards
mentioned
previously. One other one that gives good examples of
actual
data
is
J1939-84
which
describes
the
compliance tests and shows the expected responses.
Even at 250 kbps, J1939 data is transferred at a
rate that is more than ten times faster than the
previous heavy duty vehicle standard (SAE J1708),
and several of the light duty standards. As designers
build
more
into
each
system,
the
amount
of
information required continues to grow, however, so
the 500 kbps version of J1939 will be a welcome
addition.
SAE J1939 Messages (continued)
Figure 5. Setting the J1939 CAN ID
>AT SH xx yy zz
>AT CP vv
5 bits
only
Priority
PDU
Format
Destination
Address
Source
Address
>AT SH vv xx yy zz
or:
Use either:
and
vv
xx yy zz
The values will be used as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com