Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 16 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 16 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 12Page - ELM Electronics ELM327LSM Datasheet HTML 13Page - ELM Electronics ELM327LSM Datasheet HTML 14Page - ELM Electronics ELM327LSM Datasheet HTML 15Page - ELM Electronics ELM327LSM Datasheet HTML 16Page - ELM Electronics ELM327LSM Datasheet HTML 17Page - ELM Electronics ELM327LSM Datasheet HTML 18Page - ELM Electronics ELM327LSM Datasheet HTML 19Page - ELM Electronics ELM327LSM Datasheet HTML 20Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
16 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
11 bit ID filters as well, since they are stored in the
same locations internally (entering AT CF 00 00 0h hh
is exactly the same as entering the shorter AT CF hhh
command).
CFC0 and CFC1
[ CAN Flow Control off or on ]
The ISO 15765-4 CAN protocol expects a ‘Flow
Control’ message to always be sent in response to a
‘First Frame’ message, and the ELM327 automatically
sends these without any intervention by the user. If
experimenting with a non-OBD system, it may be
desirable to turn this automatic response off, and the
AT CFC0 command has been provided for that
purpose.
As of firmware version 2.0, these commands also
enable or disable the sending of J1939 TP.CM_CTS
messages in response to TP.CM_RTS requests.
During monitoring (AT MA, MR, or MT), there are
never any Flow Controls sent no matter what the CFC
option is set to. The default setting is CFC1 - Flow
Controls on.
CM hhh
[ set the CAN ID Mask to hhh ]
There can be a great many messages being
transmitted in a CAN system at any one time. In order
to limit what the ELM327 views, there needs to be a
system of filtering out the relevant ones from all the
others. This is accomplished by the filter, which works
in conjunction with the mask. A mask is a group of bits
that show the ELM327 which bits in the filter are
relevant, and which ones can be ignored. A ‘must
match’ condition is signalled by setting a mask bit to
'1', while a 'don't care' is signalled by setting a bit to '0'.
This three digit variation of the CM command is used
to provide mask values for 11 bit ID systems (the most
significant bit is always ignored).
Note that a common storage location is used
internally for the 29 bit and 11 bit masks, so an 11 bit
mask could conceivably be assigned with the next
command (CM hh hh hh hh), should you wish to do the
extra typing. The values are right justified, so you
would need to provide five leading zeros followed by
the three mask bytes.
CM hh hh hh hh [ set the CAN ID Mask to hhhhhhhh ]
This command is used to assign mask values for
29 bit ID systems. See the discussion under the
CM hhh command as it is essentially identical, except
for the length. Note that the three most significant bits
that you provide in the first digit will be ignored.
CP hh
[ set CAN Priority bits to hh ]
This command is used to assign the five most
significant bits of the 29 bit CAN ID that is used for
sending messages (the other 24 bits are set with the
AT SH command). Many systems use these bits to
assign a priority value to messages, and to determine
the protocol. Any bits provided in excess of the five
required are ignored, and not stored by the ELM327 (it
only uses the five least significant bits of this byte).
The default value for these priority bits is hex 18,
which can be restored at any time with the AT D
command.
CRA
[ reset the CAN Rx Addr ]
The AT CRA command is used to restore the CAN
receive filters to their default values. Note that it does
not have any arguments (ie no data).
CRA hhh
[ set the CAN Rx Addr to hhh ]
Setting the CAN masks and filters can be difficult
at times, so if you only want to receive information
from one address (ie. one CAN ID), then this
command may be very welcome. For example, if you
only want to see information from 7E8, simply send AT
CRA 7E8, and the ELM327 will make the necessary
adjustments to both the mask and the filter for you.
If you wish to allow the reception of a range of
values, you can use the letter X to signify a ‘don’t care’
condition. That is, AT CRA 7EX would allow all IDs
that start with 7E to pass (7E0, 7E1, etc.). For a more
specific range of IDs, you may need to assign a mask
and filter.
To reverse the changes made by the CRA
command, simply send AT CRA or AT AR.
CRA hhhhhhhh [set the CAN Rx Addr to hhhhhhhh]
This command is identical to the previous one,
except that it is used with 29 bit CAN IDs. Sending
either AT CRA or AT AR will also reverse any changes
made by this command.
CS
[ show the CAN Status counts ]
The CAN protocol requires that statistics be kept
regarding the number of transmit and receive errors
AT Command Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com