Electronic Components Datasheet Search
  English  ▼

X  

ELM327LSM Datasheet(PDF) 59 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 59 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 55Page - ELM Electronics ELM327LSM Datasheet HTML 56Page - ELM Electronics ELM327LSM Datasheet HTML 57Page - ELM Electronics ELM327LSM Datasheet HTML 58Page - ELM Electronics ELM327LSM Datasheet HTML 59Page - ELM Electronics ELM327LSM Datasheet HTML 60Page - ELM Electronics ELM327LSM Datasheet HTML 61Page - ELM Electronics ELM327LSM Datasheet HTML 62Page - ELM Electronics ELM327LSM Datasheet HTML 63Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
59 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327L
02: 00 00 01 5F 05 02 31
03: 6D 05 03 03 FF FF FF
if the headers are off. Note that multiframe messages
always send eight bytes of data, and fill in unused byte
positions with FFs.
With the headers off, a multiline response looks
very similar to the multiline responses for ISO15765-4.
The first line shows the total number of bytes in the
message, and the other lines show the segment
number, then a colon, and the data bytes received.
Note that the byte count is a hexadecimal value (ie the
‘012’ shown means that there are 18 bytes of data).
The single line that shows 012 in the above (the
total number of data bytes) is actually a special type of
response, called a ‘Connection Management’ or
‘TP.CM’ message. It has a specific format, but the only
bytes that are typically relevant are those that provide
the total message size in bytes, so that is all that the
ELM327 normally shows. In order to see the other
bytes, you must turn CAN Auto Formatting off (AT
CAF0), and then repeat the request. Note that this will
only show the entire TP.CM message if you have a
version 1.4b or newer ELM327.
This has been a brief description of how to use
the ELM327 in a typical J1939 environment. If you can
monitor for information, make global requests as well
as specific ones, and receive single or multiframe
responses, then you have the tools necessary to
diagnose most vehicle problems.
Using J1939 (continued)
Several European heavy duty truck and bus
manufacturers have joined to form an organization for
standardizing the way in which information is retrieved
from these large vehicles. The result of their work is
the FMS (or Fleet Management Systems) Standard,
and the Bus-FMS Standard.
The FMS standard is based on a subset of the
250 kbps J1939 protocol, which uses only broadcast
messages
for
the
information.
In
order
to
not
compromise the integrity of the vehicle’s CAN bus, the
standard also specifies a gateway device to provide
separation between (potentially unskilled) users and
the critical control information on the vehicle.
The information contained in the FMS messages
is defined by PGNs, using the same PGN numbers as
for J1939. The difference is that they only define a
small subset of those specified by J1939.
To monitor the information provided by an FMS
gateway, simply use the AT MP command with the
appropriate PGN number. We should caution that
some information (VIN, software version, etc.) is only
transmitted every 10 seconds, so some patience is
required when waiting for the data.
The FMS Standard
The FMS standard is completely open, and still
evolving (as of this writing, the most recent update was
version 2.00). For more information, visit the FMS web
sites:
FMS Standard
www.fms-standard.com
Bus FMS Standard
bus-fms-standard.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com