Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1192 Datasheet HTML 9Page - Maxim Integrated Products MAX1192 Datasheet HTML 10Page - Maxim Integrated Products MAX1192 Datasheet HTML 11Page - Maxim Integrated Products MAX1192 Datasheet HTML 12Page - Maxim Integrated Products MAX1192 Datasheet HTML 13Page - Maxim Integrated Products MAX1192 Datasheet HTML 14Page - Maxim Integrated Products MAX1192 Datasheet HTML 15Page - Maxim Integrated Products MAX1192 Datasheet HTML 16Page - Maxim Integrated Products MAX1192 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
______________________________________________________________________________________
13
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.10
-40
85
VREFIN = 1.024V
CHANNEL A
CHANNEL B
6
-10
1
100
1000
INPUT BANDWIDTH
vs. ANALOG INPUT FREQUENCY
-6
-8
-4
-2
0
2
4
ANALOG INPUT FREQUENCY (MHz)
10
FULL-POWER
BANDWIDTH
-0.5dB FS
SMALL-SIGNAL
BANDWIDTH
-20dB FS
REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
VDD (V)
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
0.5105
0.5110
0.5115
0.5120
0.5125
0.5130
0.5100
2.7
3.6
VDD = VREFIN
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5105
0.5110
0.5115
0.5120
0.5125
0.5130
0.5100
-40
85
VDD = VREFIN
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL
≈ 10pF at digital outputs, differential input at -0.5dB FS, fCLK =
22.005678MHz at 50% duty cycle, TA = +25°C, unless otherwise noted.)
INTEGRAL NONLINEARITY
DIGITAL OUTPUT CODE
224
192
128 160
64
96
32
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0256
DIFFERENTIAL NONLINEARITY
DIGITAL OUTPUT CODE
224
192
128 160
64
96
32
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.59
-0.58
-0.57
-0.56
-0.55
-0.54
-0.53
-0.52
-0.51
-0.50
-0.60
-40
85
VREFIN = 1.024V
CHANNEL A
CHANNEL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com