Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1192 Datasheet HTML 1Page - Maxim Integrated Products MAX1192 Datasheet HTML 2Page - Maxim Integrated Products MAX1192 Datasheet HTML 3Page - Maxim Integrated Products MAX1192 Datasheet HTML 4Page - Maxim Integrated Products MAX1192 Datasheet HTML 5Page - Maxim Integrated Products MAX1192 Datasheet HTML 6Page - Maxim Integrated Products MAX1192 Datasheet HTML 7Page - Maxim Integrated Products MAX1192 Datasheet HTML 8Page - Maxim Integrated Products MAX1192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL
≈ 10pF at digital outputs, fCLK = 22MHz, CREFP = CREFN = CCOM =
0.33µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, OVDD to GND ...............................................-0.3V to +3.6V
OGND to GND.......................................................-0.3V to +0.3V
INA+, INA-, INB+, INB- to GND .................-0.3V to (VDD + 0.3V)
CLK, REFIN, REFP, REFN, COM to GND ...-0.3V to (VDD + 0.3V)
PD0, PD1 to OGND .................................-0.3V to (OVDD + 0.3V)
Digital Outputs to OGND .........................-0.3V to (OVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin Thin QFN (derated 20.8mW/°C above +70°C) ..1667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
INL
±0.15
±1.00
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±0.14
±1.00
LSB
≥ +25°C
±4
Offset Error
< +25°C
±6
%FS
Gain Error
Excludes REFP - REFN error
±2
%FS
DC Gain Matching
±0.01
±0.2
dB
Gain Temperature Coefficient
±30
ppm/°C
Offset (VDD ±5%)
±0.02
Power-Supply Rejection
Gain (VDD ±5%)
±0.05
LSB
ANALOG INPUT
Differential Input Voltage Range
VDIFF
Differential or single-ended inputs
±0.512
V
Common-Mode Input Voltage
Range
VCOM
VDD / 2V
Input Resistance
RIN
Switched capacitor load
245
k
Ω
Input Capacitance
CIN
5pF
CONVERSION RATE
Clock Frequency Range
fCLK
7.5
22
MHz
Channel A
5.0
Data Latency
Channel B
5.5
Clock
cycles
DYNAMIC CHARACTERISTICS (differential inputs, 4096-point FFT)
fIN = 1.875MHz
48.6
fIN = 5.5MHz
47
48.6
Signal-to-Noise Ratio
(Note 2)
SNR
fIN = 11MHz
48.6
dB
fIN = 1.875MHz
48.7
fIN = 5.5MHz
47
48.6
Signal-to-Noise and Distortion
(Note 2)
SINAD
fIN = 11MHz
48.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com