Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1192 Datasheet HTML 1Page - Maxim Integrated Products MAX1192 Datasheet HTML 2Page - Maxim Integrated Products MAX1192 Datasheet HTML 3Page - Maxim Integrated Products MAX1192 Datasheet HTML 4Page - Maxim Integrated Products MAX1192 Datasheet HTML 5Page - Maxim Integrated Products MAX1192 Datasheet HTML 6Page - Maxim Integrated Products MAX1192 Datasheet HTML 7Page - Maxim Integrated Products MAX1192 Datasheet HTML 8Page - Maxim Integrated Products MAX1192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum REFP/REFN/COM Sink
Current
ISINK
2mA
REFIN Input Resistance
>500
k
Ω
REFIN Input Current
-0.7
µA
UNBUFFERED EXTERNAL REFERENCE (REFIN = GND, VREFP, VREFN, and VCOM are applied externally)
REFP Input Voltage
VREFP - VCOM
0.256
V
REFN Input Voltage
VREFN - VCOM
-0.256
V
COM Input Voltage
VCOM
VDD / 2
V
Differential Reference Input
Voltage
VREF
VREFP - VREFN
0.512
V
REFP Input Resistance
RREFP
Measured between REFP and COM
4
k
Ω
REFN Input Resistance
RREFN
Measured between REFN and COM
4
k
Ω
DIGITAL INPUTS (CLK, PD0, PD1)
CLK
0.7 x
VDD
Input High Threshold
VIH
PD0, PD1
0.7 x
OVDD
V
CLK
0.3 x
VDD
Input Low Threshold
VIL
PD0, PD1
0.3 x
OVDD
V
Input Hysteresis
VHYST
0.1
V
CLK at GND or VDD
±5
Digital Input Leakage Current
DIIN
PD0 and PD1 at OGND or OVDD
±5
µA
Digital Input Capacitance
DCIN
5pF
DIGITAL OUTPUTS (D7–D0, A/
B)
Output Voltage Low
VOL
ISINK = 200µA
0.2 x
OVDD
V
Output Voltage High
VOH
ISOURCE = 200µA
0.8 x
OVDD
V
Tri-State Leakage Current
ILEAK
±5
µA
Tri-State Output Capacitance
COUT
5pF
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL
≈ 10pF at digital outputs, fCLK = 22MHz, CREFP = CREFN = CCOM =
0.33µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com