Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1192 Datasheet HTML 3Page - Maxim Integrated Products MAX1192 Datasheet HTML 4Page - Maxim Integrated Products MAX1192 Datasheet HTML 5Page - Maxim Integrated Products MAX1192 Datasheet HTML 6Page - Maxim Integrated Products MAX1192 Datasheet HTML 7Page - Maxim Integrated Products MAX1192 Datasheet HTML 8Page - Maxim Integrated Products MAX1192 Datasheet HTML 9Page - Maxim Integrated Products MAX1192 Datasheet HTML 10Page - Maxim Integrated Products MAX1192 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
_______________________________________________________________________________________
7
FFT PLOT CHANNEL A (DIFFERENTIAL
INPUTS, 8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
10
8
6
4
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
012
fCLK = 22.005678MHz
fINA = 5.606183MHz
fINB = 8.056034MHz
AINA = AINB = -0.5dB FS
HD3
HD2
fINB
FFT PLOT CHANNEL B (DIFFERENTIAL
INPUTS, 8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
10
8
6
4
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
012
fCLK = 22.005678MHz
fINA = 5.606183MHz
fINB = 8.056034MHz
AINA = AINB = -0.5dB FS
HD3
HD2
fINA
FFT PLOT CHANNEL A (DIFFERENTIAL
INPUTS, 8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
10
8
6
4
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
012
fCLK = 22.005678MHz
fINA = 8.056034MHz
fINB = 5.606183MHz
AINA = AINB = -0.5dB FS
HD3
HD2
fINB
FFT PLOT CHANNEL B (DIFFERENTIAL
INPUTS, 8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
10
8
6
4
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
012
fCLK = 22.005678MHz
fINA = 8.056034MHz
fINB = 5.606183MHz
AINA = AINB = -0.5dB FS
HD3
HD2
fINA
TWO-TONE IMD PLOT (DIFFERENTIAL
INPUTS, 8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
10
8
6
4
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
012
fCLK = 22.005678MHz
fIN1 = 1.8MHz
fIN2 = 2.3MHz
AIN = -7dB FS
fIN2
fIN1
Typical Operating Characteristics
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL
≈ 10pF at digital outputs, differential input at -0.5dB FS, fCLK =
22.005678MHz at 50% duty cycle, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com