Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1192 Datasheet HTML 18Page - Maxim Integrated Products MAX1192 Datasheet HTML 19Page - Maxim Integrated Products MAX1192 Datasheet HTML 20Page - Maxim Integrated Products MAX1192 Datasheet HTML 21Page - Maxim Integrated Products MAX1192 Datasheet HTML 22Page - Maxim Integrated Products MAX1192 Datasheet HTML 23Page - Maxim Integrated Products MAX1192 Datasheet HTML 24Page - Maxim Integrated Products MAX1192 Datasheet HTML 25Page - Maxim Integrated Products MAX1192 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
22
______________________________________________________________________________________
Figure 10 shows the MAX6061 precision bandgap ref-
erence used as a common reference for multiple con-
verters. The 1.248V output of the MAX6061 is divided
down to 1.023V as it passes through a one-pole, 10Hz,
lowpass filter to the MAX4250. The MAX4250 buffers
the 1.023V reference before its output is applied to the
MAX1192. The MAX4250 provides a low offset voltage
(for high gain accuracy) and a low noise level.
Unbuffered External Reference Drives
Multiple ADCs
The unbuffered external reference mode allows for pre-
cise control over the MAX1192 reference and allows
multiple converters to use a common reference.
Connecting REFIN to GND disables the internal refer-
ence, allowing REFP, REFN, and COM to be driven
directly by a set of external reference sources.
MAX4250
3V
2
4
2
1.248V
3
5
10Hz
LOWPASS
FILTER
1
15
Ω
1
REFIN
VDD
MAX1192
N = 1
24
GND
1.023V
NOTE: ONE FRONT-END REFERENCE
CIRCUIT PROVIDES
±15mA OF OUTPUT
DRIVE AND SUPPORTS OVER
1000 MAX1192s.
3
0.1
µF
0.1
µF
3V
1
µF
1%
20k
Ω
1%
90.9k
Ω
0.1
µF
2.2
µF
0.1
µF
REFP
27
0.33
µF
REFN
26
0.33
µF
COM
25
0.33
µF
REFIN
VDD
MAX1192
N = 1000
24
GND
0.1
µF
REFP
27
0.33
µF
REFN
26
0.33
µF
COM
25
0.33
µF
MAX6061
Figure 10. External Buffered (MAX4250) Reference Drive Using a MAX6062 Bandgap Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com