Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1192 Datasheet HTML 17Page - Maxim Integrated Products MAX1192 Datasheet HTML 18Page - Maxim Integrated Products MAX1192 Datasheet HTML 19Page - Maxim Integrated Products MAX1192 Datasheet HTML 20Page - Maxim Integrated Products MAX1192 Datasheet HTML 21Page - Maxim Integrated Products MAX1192 Datasheet HTML 22Page - Maxim Integrated Products MAX1192 Datasheet HTML 23Page - Maxim Integrated Products MAX1192 Datasheet HTML 24Page - Maxim Integrated Products MAX1192 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
______________________________________________________________________________________
21
Using Transformer Coupling
An RF transformer (Figure 8) provides an excellent
solution to convert a single-ended source signal to a
fully differential signal, required by the MAX1192 for
optimum performance. Connecting the center tap of the
transformer to COM provides a VDD/2 DC level shift to
the input. Although a 1:1 transformer is shown, a step-
up transformer can be selected to reduce the drive
requirements. A reduced signal swing from the input
driver, such as an op amp, can also improve the overall
distortion.
In general, the MAX1192 provides better SFDR and
THD with fully differential input signals than single-
ended drive, especially for high input frequencies. In
differential input mode, even-order harmonics are lower
as both inputs (INA+, INA- and/or INB+, INB-) are bal-
anced, and each of the ADC inputs only requires half
the signal swing compared to single-ended mode.
Single-Ended AC-Coupled Input Signal
Figure 9 shows an AC-coupled, single-ended applica-
tion. Amplifiers such as the MAX4108 provide high
speed, high bandwidth, low noise, and low distortion to
maintain the input signal integrity.
Buffered External Reference Drives
Multiple ADCs
The buffered external reference mode allows for more
control over the MAX1192 reference voltage and allows
multiple converters to use a common reference. To
drive one MAX1192 in buffered external reference
mode, the external circuit must sink 0.7µA, allowing one
reference circuit to easily drive the REFIN of multiple
converters to 1.024V ±10%.
MAX1192
T1
N.C.
VIN
6
1
5
2
4
3
22pF
22pF
0.1
µF
0.1
µF
2.2
µF
25
Ω
25
Ω
MINICIRCUITS
TT1-6-KK81
T1
N.C.
VIN
6
1
5
2
4
3
22pF
22pF
0.1
µF
0.1
µF
2.2
µF
25
Ω
25
Ω
MINICIRCUITS
TT1-6-KK81
INA-
INA+
INB-
INB+
COM
Figure 8. Transformer-Coupled Input Drive
MAX1192
0.1
µF
1k
Ω
1k
Ω
100
Ω
100
Ω
CIN
22pF
CIN
22pF
INB+
INB-
COM
INA+
INA-
0.1
µF
RISO
50
Ω
RISO
50
Ω
REFP
REFN
VIN
MAX4108
0.1
µF
1k
Ω
1k
Ω
100
Ω
100
Ω
CIN
22pF
CIN
22pF
0.1
µF
RISO
50
Ω
RISO
50
Ω
REFP
REFN
VIN
MAX4108
Figure 9. Using an Op Amp for Single-Ended, AC-Coupled
Input Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com