Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1192 Datasheet HTML 13Page - Maxim Integrated Products MAX1192 Datasheet HTML 14Page - Maxim Integrated Products MAX1192 Datasheet HTML 15Page - Maxim Integrated Products MAX1192 Datasheet HTML 16Page - Maxim Integrated Products MAX1192 Datasheet HTML 17Page - Maxim Integrated Products MAX1192 Datasheet HTML 18Page - Maxim Integrated Products MAX1192 Datasheet HTML 19Page - Maxim Integrated Products MAX1192 Datasheet HTML 20Page - Maxim Integrated Products MAX1192 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
______________________________________________________________________________________
17
values originally held on C2a and C2b. These values
are then presented to the first stage quantizers and iso-
late the pipelines from the fast-changing inputs. The
wide input bandwidth T/H amplifiers allow the MAX1192
to track and sample/hold analog inputs of high frequen-
cies (>Nyquist). Both ADC inputs (INA+, INB+, INA-,
and INB-) can be driven either differentially or single
ended. Match the impedance of INA+ and INA-, as well
as INB+ and INB-, and set the common-mode voltage
to midsupply (VDD/2) for optimum performance.
Analog Inputs and Reference
Configurations
The MAX1192 full-scale analog input range is ±VREF
with a common-mode input range of VDD/2 ±0.2V. VREF
is the difference between VREFP and VREFN. The
MAX1192 provides three modes of reference operation.
The voltage at REFIN (VREFIN) sets the reference oper-
ation mode (Table 1).
In internal reference mode, connect REFIN to VDD or
leave REFIN unconnected. VREF is internally generated
to be 0.512V ±3%. COM, REFP, and REFN are low-
impedance outputs with VCOM = VDD/2, VREFP = VDD/2
+ VREF/2, and VREFN = VDD/2 - VREF/2. Bypass REFP,
REFN, and COM each with a 0.33µF capacitor.
In buffered external reference mode, apply a 1.024V
±10% at REFIN. In this mode, COM, REFP, and REFN
are low-impedance outputs with VCOM = VDD/2, VREFP =
VDD/2 + VREFIN/4, and VREFN = VDD/2 - VREFIN/4.
Bypass REFP, REFN, and COM each with a 0.33µF
capacitor. Bypass REFIN to GND with a 0.1µF capacitor.
In unbuffered external reference mode, connect REFIN
to GND. This deactivates the on-chip reference buffers
for COM, REFP, and REFN. With their buffers shut
down, these nodes become high-impedance inputs
(Figure 4) and can be driven through separate, external
reference sources. Drive VCOM to VDD/2 ±10%, drive
VREFP to (VDD/2 +0.256V) ±10%, and drive VREFN to
(VDD/2 - 0.256V) ±10%. Bypass REFP, REFN, and COM
each with a 0.33µF capacitor.
For detailed circuit suggestions and how to drive this
dual ADC in buffered/unbuffered external reference
mode, see the Applications Information section.
Clock Input (CLK)
CLK accepts a CMOS-compatible signal level. Since
the interstage conversion of the device depends on the
repeatability of the rising and falling edges of the exter-
nal clock, use a clock with low jitter and fast rise and
fall times (<2ns). In particular, sampling occurs on the
rising edge of the clock signal, requiring this edge to
Figure 4. Unbuffered External Reference Mode Impedance
VREFIN
REFERENCE MODE
>0.8 x VDD
Internal reference mode. VREF is internally generated to be 0.512V. Bypass REFP, REFN, and COM
each with a 0.33µF capacitor.
1.024V ±10%
Buffered external reference mode. An external 1.024V ±10% reference voltage is applied to
REFIN. VREF is internally generated to be VREFIN/2. Bypass REFP, REFN, and COM each with a
0.33µF capacitor. Bypass REFIN to GND with a 0.1µF capacitor.
<0.3V
Unbuffered external reference mode. REFP, REFN, and COM are driven by external reference
sources. VREF is the difference between the externally applied VREFP and VREFN. Bypass REFP,
REFN, and COM each with a 0.33µF capacitor.
Table 1. Reference Modes
MAX1192
1.5V
1.25V
1.75V
62.5
µA
0
µA
COM
REFN
REFP
4k
Ω
4k
Ω
62.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com