Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1192 Datasheet HTML 2Page - Maxim Integrated Products MAX1192 Datasheet HTML 3Page - Maxim Integrated Products MAX1192 Datasheet HTML 4Page - Maxim Integrated Products MAX1192 Datasheet HTML 5Page - Maxim Integrated Products MAX1192 Datasheet HTML 6Page - Maxim Integrated Products MAX1192 Datasheet HTML 7Page - Maxim Integrated Products MAX1192 Datasheet HTML 8Page - Maxim Integrated Products MAX1192 Datasheet HTML 9Page - Maxim Integrated Products MAX1192 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL
≈ 10pF at digital outputs, fCLK = 22MHz, CREFP = CREFN = CCOM =
0.33µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Specifications
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization.
Note 2: SNR, SINAD, SFDR, HD3, and THD are based on a differential analog input voltage of -0.5dB FS referenced to the
amplitude of the digital output. SNR and THD are calculated using HD2 through HD6.
Note 3: The power consumption of the output driver is proportional to the load capacitance (CL).
Note 4: Guaranteed by design and characterization. Not production tested.
Note 5: SINAD settles to within 0.5dB of its typical value.
Note 6: Crosstalk rejection is measured by applying a high-frequency test tone to one channel and a low-frequency tone to the
second channel. FFTs are performed on each channel. The parameter is specified as the power ratio of the first and second
channel FFT test tone bins.
Note 7: Amplitude/phase matching is measured by applying the same signal to each channel, and comparing the magnitude and
phase of the fundamental bin on the calculated FFT.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS
CLK Rise to CHA Output Data
Valid
tDOA
50% of CLK to 50% of data,
Figure 5 (Note 4)
1
6
8.5
ns
CLK Fall to CHB Output Data
Valid
tDOB
50% of CLK to 50% of data,
Figure 5 (Note 4)
1
6
8.5
ns
CLK Rise/Fall to A/
B Rise/Fall
Time
tDA/B
50% of CLK to 50% of A/
B,
Figure 5 (Note 4)
1
6
8.5
ns
PD1 Rise to Output Enable
tEN
PD0 = OVDD
5ns
PD1 Fall to Output Disable
tDIS
PD0 = OVDD
5ns
CLK Duty Cycle
50
%
CLK Duty Cycle Variation
±10
%
Wake-Up Time from Shutdown
Mode
tWAKE, SD (Note 5)
20
µs
Wake-Up Time from Standby
Mode
tWAKE, ST (Note 5)
5.4
µs
Digital Output Rise/Fall Time
20% to 80%
2
ns
INTERCHANNEL CHARACTERISTICS
Crosstalk Rejection
fIN,X = 5.5MHz at -0.5dB FS,
fIN,Y = 0.3MHz at -0.5dB FS (Note 6)
-75
dB
Amplitude Matching
fIN = 5.5MHz at -0.5dB FS (Note 7)
±0.03
dB
Phase Matching
fIN = 5.5MHz at -0.5dB FS (Note 7)
±0.1
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com