Electronic Components Datasheet Search
  English  ▼

X  

MAX1192 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1192 Datasheet HTML 1Page - Maxim Integrated Products MAX1192 Datasheet HTML 2Page - Maxim Integrated Products MAX1192 Datasheet HTML 3Page - Maxim Integrated Products MAX1192 Datasheet HTML 4Page - Maxim Integrated Products MAX1192 Datasheet HTML 5Page - Maxim Integrated Products MAX1192 Datasheet HTML 6Page - Maxim Integrated Products MAX1192 Datasheet HTML 7Page - Maxim Integrated Products MAX1192 Datasheet HTML 8Page - Maxim Integrated Products MAX1192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL
≈ 10pF at digital outputs, fCLK = 22MHz, CREFP = CREFN = CCOM =
0.33µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 1.875MHz
70.8
fIN = 5.5MHz
59.0
70.0
Spurious-Free Dynamic Range
(Note 2)
SFDR
fIN = 11MHz
70.4
dBc
fIN = 1.875MHz
75.8
fIN = 5.5MHz
-74.0
Third-Harmonic Distortion
(Note 2)
HD3
fIN = 11MHz
-74.8
dBc
Intermodulation Distortion
IMD
fIN1 = 1MHz at -7dB FS, fIN2 = 1.01MHz at
-7dB FS
-64
dBc
Third-Order Intermodulation
IM3
fIN1 = 1MHz at -7dB FS, fIN2 = 1.01MHz at
-7dB FS
-67
dBc
fIN = 1.875MHz
-71.0
fIN = 5.5MHz
-70.0
-57.0
Total Harmonic Distortion
(Note 2)
THD
fIN = 11MHz
-70.2
dBc
Small-Signal Bandwidth
SSBW
Input at -20dB FS
440
MHz
Full-Power Bandwidth
FPBW
Input at -0.5dB FS
440
MHz
Aperture Delay
tAD
1.5
ns
Aperture Jitter
tAJ
2psRMS
Overdrive Recovery Time
1.5
× full-scale input
2
ns
INTERNAL REFERENCE (REFIN = VDD; VREFP, VREFN, and VCOM are generated internally)
REFP Output Voltage
VREFP - VCOM
0.256
V
REFN Output Voltage
VREFN - VCOM
-0.256
V
COM Output Voltage
VCOM
VDD / 2
- 0.15
VDD / 2
VDD / 2
+ 0.15
V
Differential Reference Output
VREF
VREFP - VREFN
0.512
V
Differential Reference Output
Temperature Coefficient
VREFTC
±30
ppm/°C
Maximum REFP/REFN/COM
Source Current
ISOURCE
2mA
Maximum REFP/REFN/COM Sink
Current
ISINK
2mA
BUFFERED EXTERNAL REFERENCE (VREFIN = 1.024V, VREFP, VREFN, and VCOM are generated internally)
REFIN Input Voltage
VREFIN
1.024
V
COM Output Voltage
VCOM
VDD / 2
- 0.15
VDD / 2
VDD / 2
+ 0.15
V
Differential Reference Output
VREF
VREFP - VREFN
0.512
V
Maximum REFP/REFN/COM
Source Current
ISOURCE
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com