Electronic Components Datasheet Search
  English  ▼

X  

CDCP1803 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 5 Page - Texas Instruments

  CDCP1803 Datasheet HTML 1Page - Texas Instruments CDCP1803 Datasheet HTML 2Page - Texas Instruments CDCP1803 Datasheet HTML 3Page - Texas Instruments CDCP1803 Datasheet HTML 4Page - Texas Instruments CDCP1803 Datasheet HTML 5Page - Texas Instruments CDCP1803 Datasheet HTML 6Page - Texas Instruments CDCP1803 Datasheet HTML 7Page - Texas Instruments CDCP1803 Datasheet HTML 8Page - Texas Instruments CDCP1803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
23
1
1
VDD/2
1
÷ 1
÷ 2
÷ 8
24
1
1
1
0
÷ 1
÷ 4
÷ 8
25
1
1
1
VDD/2
÷ 1
÷ 8
÷ 8
26
1
1
1
1
÷ 1
Off (high-z)
÷ 16
27
VDD/2
0
0
0
÷ 1
÷ 1
÷ 16
28
VDD/2
0
0
VDD/2
÷ 1
÷ 2
÷ 16
29
VDD/2
0
0
1
÷ 1
÷ 4
÷ 16
30
VDD/2
0
VDD/2
0
÷ 1
÷ 8
÷ 16
Rsv
VDD/2
1
VDD/2
1
Reserved
Reserved
Reserved
Rsv
VDD/2
1
1
0
N/A
Low
Low
NOTE: The LVPECL outputs are open emitter stages. Thus, if you leave the unused LVPECL outputs Y0, Y1, or Y2
unconnected, then the current consumption is minimized and noise impact to remaining outputs is neglectable.
Also, each output can be individually disabled by connecting the corresponding VDD input to GND.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VDD
−0.3 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
−0.2 V to (VDD +0.2 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
−0.2 V to (VDD +0.2 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential short circuit current, Yn, Yn, IOSD
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge (HBM 1.5 k
Ω, 100 pF), ESD
>2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Moisture level 24-pin MLF package (solder reflow temperature of 235
°C) MSL
2
. . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage, VDD
3
3.3
3.6
V
Operating free-air temperature, TA
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
LVPECL input IN, IN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Input frequency
0
800
MHz
VCM
High-level input common mode
1
VDD−0.3
V
VIN
Input voltage swing between IN and IN,
see Note 1
500
1300
mV
VIN
Input voltage swing between IN and IN,
see Note 2
150
1300
mV
IIN
Input current
VI = VDD or 0 V
±10
µA
RIN
Input impedance
300
k
Ω
CI
Input capacitance at IN, IN
1
pF
NOTES:
1. Is required to maintain ac specifications
2. Is required to maintain device functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com