Electronic Components Datasheet Search
  English  ▼

X  

CDCP1803 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCP1803 Datasheet HTML 11Page - Texas Instruments CDCP1803 Datasheet HTML 12Page - Texas Instruments CDCP1803 Datasheet HTML 13Page - Texas Instruments CDCP1803 Datasheet HTML 14Page - Texas Instruments CDCP1803 Datasheet HTML 15Page - Texas Instruments CDCP1803 Datasheet HTML 16Page - Texas Instruments CDCP1803 Datasheet HTML 17Page - Texas Instruments CDCP1803 Datasheet HTML 18Page - Texas Instruments CDCP1803 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
device behavior during RESET and control pin switching
output behavior from enabling the device (EN=0
% 1)
In disable mode (EN=0), all output drivers are switched in high-Z mode. The S[0:2] control inputs are also
switched off. In the same mode, all flip-flops are reset. The typical current consumption is below 500
µA.
When the device is enabled again, it takes typically 1
µs for the settling of the reference voltage and currents.
During this time, the outputs Y[0:2] and Y[0:2] drive a high signal. After the settle time, the outputs go into the
low state. Due to the synchronization of each output driver signal with the input clock, the state of the waveforms
after enabling the device looks like shown in Figure 12. The inverting input and output signal is not included.
The Y:/1 waveform is the undivided output driver state.
High-Z
EN
IN
Y:/1
Undefined
Low
High-Z
Y:/2
Undefined
Low
High-Z
Y:/4
Undefined
Low
1
µs
Signal State After the Device is Enabled (IN = Low)
High-Z
EN
IN
Y:/1
Undefined
Low
High-Z
Y:/2
Undefined
Low
High-Z
Y:/4
Undefined
Low
1
µs
Signal State After the Device is Enabled (IN = High)
Undivided State is Valid After the First
Positive Transition of the Input Clock
Figure 12. Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com