Electronic Components Datasheet Search
  English  ▼

X  

CDCP1803 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCP1803 Datasheet HTML 5Page - Texas Instruments CDCP1803 Datasheet HTML 6Page - Texas Instruments CDCP1803 Datasheet HTML 7Page - Texas Instruments CDCP1803 Datasheet HTML 8Page - Texas Instruments CDCP1803 Datasheet HTML 9Page - Texas Instruments CDCP1803 Datasheet HTML 10Page - Texas Instruments CDCP1803 Datasheet HTML 11Page - Texas Instruments CDCP1803 Datasheet HTML 12Page - Texas Instruments CDCP1803 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
130
135
140
145
150
100
300
500
700
900
1100
1300
1500
f − Frequency − MHz
SUPPLY CURRENT
vs
FREQUENCY
3 LVPECL Outputs
(P1) Running
VDD = 3.3 V,
TA = 255C,
50
W to VDD −2 V for LVPECL
Figure 4.
package thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA−1
MLF−24 package thermal resistance,
See Note 1
4-layer JEDEC test board (JESD51−7),
airflow = 0 ft/min
106.6
°C/W
θJA−2
MLF−24 package thermal resistance
with thermal vias in PCB, See Note 1
4-layer JEDEC test board (JESD51−7) with four
thermal vias of 22-mil diameter each,
airflow = 0 ft/min
55.4
°C/W
NOTE 1: It is recommended to provide four thermal vias to connect the thermal pad of the package effectively with the PCB and ensure a good
heat sink.
Example:
calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal
vias:
TChassis = 85°C (temperature of the chassis)
Peffective = Imax x Vmax = 90 mA x 3.6 V = 324 mW (max power consumption inside the package)
θTJunction = θJA−2 x Peffective = 55.45°C/W x 324 mW = 17.97°C
TJunction=θTJunction +TChassis= 17.97°C + 85°C = 103°C (the maximum junction temperature of Tdie−max=
125
°C is not violated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com