Electronic Components Datasheet Search
  English  ▼

X  

CDCP1803 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCP1803 Datasheet HTML 2Page - Texas Instruments CDCP1803 Datasheet HTML 3Page - Texas Instruments CDCP1803 Datasheet HTML 4Page - Texas Instruments CDCP1803 Datasheet HTML 5Page - Texas Instruments CDCP1803 Datasheet HTML 6Page - Texas Instruments CDCP1803 Datasheet HTML 7Page - Texas Instruments CDCP1803 Datasheet HTML 8Page - Texas Instruments CDCP1803 Datasheet HTML 9Page - Texas Instruments CDCP1803 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LVPECL output driver Y[2:0], Y[2:0]
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Output frequency, see Figure 3
0
800
MHz
VOH
High-level output voltage
Termination with 50
Ω to VDD−2 V
VDD−1.18
VDD–0.81
V
VOL
Low-level output voltage
Termination with 50
Ω to VDD−2 V
VDD−1.98
VDD–1.55
V
VO
Output voltage swing between Y and Y,
see Figure 3
Termination with 50
Ω to VDD−2 V
500
mV
IOZL
Output 3-state
VDD = 3.6 V, VO = 0 V
5
µA
IOZH
Output 3-state
VDD = 3.6 V, VO = VDD – 0.8 V
10
µA
tr/tf
Rise and fall time
20% to 80% of VOUTPP, see Figure 7
200
350
ps
tskpecl(o)
Output skew between any LVPECL
output Y[2−0] and Y[2−0]
See Note A in Figure 6
15
30
ps
tDuty
Output duty cycle distortion,
see Note 3
Crossing point-to-crossing point
distortion
−50
50
ps
tsk(pp)
Part-to-part skew
Any Y, See Note B in Figure 6
50
ps
CO
Output capacitance
VO = VDD or GND
1
pF
LOAD
Expected output load
50
Ω
NOTES:
3. For a 800-MHz signal, the 50-ps error would result into a duty cycle distortion of
±4% when driven by an ideal clock input signal.
LVPECL input-to-LVPECL output parameter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd(lh)
Propagation delay rising edge
VOX to VOX
320
600
ps
tpd(hl)
Propagation delay falling edge
VOX to VOX
320
600
ps
tsk(p)
LVPECL pulse skew
VOX to VOX, See Note C in Figure 6
100
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com