Electronic Components Datasheet Search
  English  ▼

X  

CDCP1803 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCP1803 Datasheet HTML 10Page - Texas Instruments CDCP1803 Datasheet HTML 11Page - Texas Instruments CDCP1803 Datasheet HTML 12Page - Texas Instruments CDCP1803 Datasheet HTML 13Page - Texas Instruments CDCP1803 Datasheet HTML 14Page - Texas Instruments CDCP1803 Datasheet HTML 15Page - Texas Instruments CDCP1803 Datasheet HTML 16Page - Texas Instruments CDCP1803 Datasheet HTML 17Page - Texas Instruments CDCP1803 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
LVPECL receiver input termination
The input of the CDCP1803 has a high impedance and comes with a large common-mode voltage range.
For optimized noise performance, it is recommended to properly terminate the PCB trace (transmission line).
If a differential signal drives the CDCP1803, then a 100-
Ω termination resistor is recommended to be placed
as close as possible across the input pins. An even better approach is to install 2x 50
Ω, with the center tap
connected to a capacitor (C) to terminate odd-mode noise and make up for transmission line mismatches. The
VBB output can also be connected to the center tap to bias the input signal to (VDD − 1.3 V) (see Figure 9).
IN
LVPECL
150
Ω
150
Ω
CAC
CAC
50
Ω
50
Ω
IN
CDCP1803
C
VBB
50
Ω
50
Ω
Figure 9. Recommended AC-Coupling LVPECL Receiver Input Termination
LVPECL
130
Ω
83
Ω
CDCP1803
50
Ω
50
Ω
130
Ω
83
Ω
Figure 10. Recommended DC-Coupling LVPECL Receiver Input Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com