Electronic Components Datasheet Search
  English  ▼

X  

CDCP1803 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCP1803 Datasheet HTML 3Page - Texas Instruments CDCP1803 Datasheet HTML 4Page - Texas Instruments CDCP1803 Datasheet HTML 5Page - Texas Instruments CDCP1803 Datasheet HTML 6Page - Texas Instruments CDCP1803 Datasheet HTML 7Page - Texas Instruments CDCP1803 Datasheet HTML 8Page - Texas Instruments CDCP1803 Datasheet HTML 9Page - Texas Instruments CDCP1803 Datasheet HTML 10Page - Texas Instruments CDCP1803 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
jitter characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tjitterLVPECL
Additive phase jitter from input to LVPECL output [Y2−0],
12 kHz to 20 MHz,
fout = 250 MHz to 800 MHz,
divide by 1 mode
0.15
ps rms
tjitterLVPECL
see Figure 2
50 kHz to 40 MHz,
fout = 250 MHz to 800 MHz,
divide by 1 mode
0.25
ps rms
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
VDD = 3.3 V
TA = 25°C
f = 622 MHz
÷1 Mode
ADDITIVE PHASE NOISE
vs
FREQUENCY OFFSET FROM CARRIER − LVPECL
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com