Electronic Components Datasheet Search
  English  ▼

X  

CDCP1803 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCP1803 Datasheet HTML 8Page - Texas Instruments CDCP1803 Datasheet HTML 9Page - Texas Instruments CDCP1803 Datasheet HTML 10Page - Texas Instruments CDCP1803 Datasheet HTML 11Page - Texas Instruments CDCP1803 Datasheet HTML 12Page - Texas Instruments CDCP1803 Datasheet HTML 13Page - Texas Instruments CDCP1803 Datasheet HTML 14Page - Texas Instruments CDCP1803 Datasheet HTML 15Page - Texas Instruments CDCP1803 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
|Yn
*Yn|
Yn
Yn
VOH
VOL
80%
20%
0 V
tr
tf
VOUT(pp)
Figure 7. LVPECL Differential Output Voltage and Rise/Fall Time
PCB design for thermal functionality
It is recommended to take special care of the PCB design for good thermal flow from the MLF-24 pin package
to the PCB.
Due to the three LVPECL outputs, the current consumption of the CDCP1803 is fixed.
JEDEC JESD51-7 specifies thermal conductivity for standard PCB boards.
Modeling the CDCP1803 with a standard 4-layer JEDEC board results into a 59.5
°C max temperature with a
θJA of 106.62°C/W for 25°C ambient temperature.
When deploying four thermal vias (one per quadrant), the thermal flow improves significantly, yielding 42.9
°C
max temperature with a
θJA of 55.4°C/W for 25°C ambient temperature.
To ensure sufficient thermal flow, it is recommended to design with four thermal vias in applications enabling
all four outputs at ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com