Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5675R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5675R Datasheet HTML 3Page - Analog Devices AD5675R Datasheet HTML 4Page - Analog Devices AD5675R Datasheet HTML 5Page - Analog Devices AD5675R Datasheet HTML 6Page - Analog Devices AD5675R Datasheet HTML 7Page - Analog Devices AD5675R Datasheet HTML 8Page - Analog Devices AD5675R Datasheet HTML 9Page - Analog Devices AD5675R Datasheet HTML 10Page - Analog Devices AD5675R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 6 of 27
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, VREF = 2.5 V, all specifications −40°C to +125°C, unless otherwise noted.
Table 4.
1.8 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter1
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
20
20
ns
SCLK High Time
t2
4
1.7
ns
SCLK Low Time
t3
4.5
4.3
ns
SYNC to SCLK Falling Edge Setup Time
t4
15.1
10.1
ns
Data Setup Time
t5
0.8
0.8
ns
Data Hold Time
t6
+0.1
−0.8
ns
SCLK Falling Edge to SYNC Rising Edge
t7
0.95
1.25
ns
Minimum SYNC High Time (Single, Combined, or All Channel Update)
t8
9.65
6.75
ns
SYNC Falling Edge to SCLK Fall Ignore
t9
4.75
9.7
ns
LDAC Pulse Width Low
t10
4.85
5.45
ns
SCLK Falling Edge to LDAC Rising Edge
t11
41.25
25
ns
SCLK Falling Edge to LDAC Falling Edge
t12
26.35
20.3
ns
RESET Minimum Pulse Width Low
t13
4.8
6.2
ns
RESET Pulse Activation Time
t14
132
80
ns
Power-Up Time2
5.15
5.18
μs
1
Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested.
2
Time to exit power-down to normal mode of AD5676 operation, 32nd clock edge to 90% of DAC midscale value, with output unloaded.
t4
t3
SCLK
SYNC
SDI
t1
t2
t5
t6
t7
t8
DB23
t9
t10
t11
LDAC1
LDAC2
t12
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
RESET
t13
t14
VOUTx
DB0
Figure 2. Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com