Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5675R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5675R Datasheet HTML 20Page - Analog Devices AD5675R Datasheet HTML 21Page - Analog Devices AD5675R Datasheet HTML 22Page - Analog Devices AD5675R Datasheet HTML 23Page - Analog Devices AD5675R Datasheet HTML 24Page - Analog Devices AD5675R Datasheet HTML 25Page - Analog Devices AD5675R Datasheet HTML 26Page - Analog Devices AD5675R Datasheet HTML 27Page - Analog Devices AD5675R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 25 of 27
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The AD5676 is typically powered by the following supplies: VDD =
3.3 V and VLOGIC = 1.8 V.
The ADP7118 can be used to power the VDD pin. The ADP160
can be used to power the VLOGIC pin. This setup is shown in
Figure 47. The ADP7118 can operate from input voltages up to
20 V. The ADP160 can operate from input voltages up to 5.5 V.
1.8V: VLOGIC
3.3V: VDD
5V INPUT
ADP160
LDO
ADP7118
LDO
Figure 47. Low Noise Power Solution for the AD5676
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5676 is via a serial bus
that uses a standard protocol that is compatible with DSP
processors and microcontrollers. The communications channel
requires a 3-wire or 4-wire interface consisting of a clock signal,
a data signal, and a synchronization signal. The AD5676 requires a
24-bit data-word with data valid on the rising edge of SYNC.
AD5676 TO ADSP-BF531 INTERFACE
The SPI interface of the AD5676 can easily connect to industry-
standard DSPs and microcontrollers. Figure 48 shows the
AD5676 connected to the Analog Devices, Inc. Blackfin® DSP.
The Blackfin has an integrated SPI port that can connect
directly to the SPI pins of the AD5676.
ADSP-BF531
SYNC
SPISELx
SCLK
SCK
SDI
MOSI
LDAC
PF9
RESET
PF8
AD5676
Figure 48. ADSP-BF531 Interface
AD5676 TO SPORT INTERFACE
The Analog Devices ADSP-BF527 has one SPORT serial port.
Figure 49 shows how a SPORT interface controls the AD5676.
ADSP-BF527
SYNC
SPORT_TFS
SCLK
SPORT_TSCK
SDI
SPORT_DTO
LDAC
GPIO0
RESET
GPIO1
AD5676
Figure 49. SPORT Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration of
the power supply and ground return layout helps to ensure the
rated performance. Design the printed circuit board (PCB) on
which the AD5676 is mounted so that the AD5676 lies on the
analog plane.
The AD5676 must have ample supply bypassing of 10 μF in
parallel with 0.1 μF on each supply, located as close to the package
as possible, ideally right up against the device. The 10 μF
capacitors are the tantalum bead type. The 0.1 μF capacitor
must have low effective series resistance (ESR) and low effective
series inductance (ESI), such as the common ceramic types, which
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
In systems where many devices are on one board, it is often useful
to provide some heat sinking capability to allow the power to
dissipate easily.
The GND plane on the device can be increased (as shown in
Figure 50) to provide a natural heat sinking effect.
AD5676
GND
PLANE
BOARD
Figure 50. Pad Connection to Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com