Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 28 Page - Analog Devices

Part # AD5675R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5675R Datasheet HTML 20Page - Analog Devices AD5675R Datasheet HTML 21Page - Analog Devices AD5675R Datasheet HTML 22Page - Analog Devices AD5675R Datasheet HTML 23Page - Analog Devices AD5675R Datasheet HTML 24Page - Analog Devices AD5675R Datasheet HTML 25Page - Analog Devices AD5675R Datasheet HTML 26Page - Analog Devices AD5675R Datasheet HTML 27Page - Analog Devices AD5675R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 27 of 27
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AC
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20 MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
COPLANARITY
0.10
Figure 52. 20-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.75
2.60 SQ
2.35
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
Figure 53. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-20-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Resolution
Temperature
Range
Accuracy
Package Description
Package
Option
AD5676ARUZ
16 Bits
−40°C to +125°C
±8 LSB INL
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5676ARUZ-REEL7
16 Bits
−40°C to +125°C
±8 LSB INL
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5676BRUZ
16 Bits
−40°C to +125°C
±3 LSB INL
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5676BRUZ-REEL7
16 Bits
−40°C to +125°C
±3 LSB INL
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
AD5676ACPZ-REEL7
16 Bits
−40°C to +125°C
±8 LSB INL
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-8
AD5676ACPZ-RL
16 Bits
−40°C to +125°C
±8 LSB INL
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-8
AD5676BCPZ-REEL7
16 Bits
−40°C to +125°C
±3 LSB INL
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-8
AD5676BCPZ-RL
16 Bits
−40°C to +125°C
±8 LSB INL
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-8
EVAL-AD5676SDZ
Evaluation Board
1
Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2014–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12549-0-10/15(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com