Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5675R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5675R Datasheet HTML 18Page - Analog Devices AD5675R Datasheet HTML 19Page - Analog Devices AD5675R Datasheet HTML 20Page - Analog Devices AD5675R Datasheet HTML 21Page - Analog Devices AD5675R Datasheet HTML 22Page - Analog Devices AD5675R Datasheet HTML 23Page - Analog Devices AD5675R Datasheet HTML 24Page - Analog Devices AD5675R Datasheet HTML 25Page - Analog Devices AD5675R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 21 of 27
STANDALONE OPERATION
The write sequence begins by bringing the SYNC line low. Data
from the SDI line is clocked into the 24-bit input shift register
on the falling edge of SCLK. After the last of the 24 data bits is
clocked in, bring SYNC high. The programmed function is then
executed, that is, an LDAC dependent change in the DAC
register contents and/or a change in the mode of operation
occurs.
If SYNC is taken high at a clock before the 24th clock, it is
considered a valid frame, and invalid data may be loaded to the
DAC. Bring SYNC high for a minimum of 9.65 ns (single
channel, see t8 in Table 4) before the next write sequence so that
a falling edge of SYNC can initiate the next write sequence.
Idle SYNC at the rails between write sequences for even lower
power operation. The SYNC line is kept low for 24 falling edges
of SCLK, and the DAC is updated on the rising edge of SYNC.
When data is transferred into the input register of the addressed
DAC, all DAC registers and outputs update by taking LDAC low
while the SYNC line is high.
WRITE AND UPDATE COMMANDS
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write to the dedicated input
register for each DAC individually. When LDAC is low, the
input register is transparent (if not controlled by the LDAC
mask register).
Update DAC Register with Contents of Input Register n
Command 0010 loads the DAC registers and outputs with the
contents of the selected input registers and updates the DAC
outputs directly.
Write to and Update DAC Channel n (Independent of LDAC)
Command 0011 allows the user to write to the DAC registers
and updates the DAC outputs directly. Bit D7 to Bit D0
determine which DACs have data from the input register
transferred to the DAC register. Setting a bit to 1 transfers data
from the input register to the appropriate DAC register.
DAISY-CHAIN OPERATION
For systems that contain several DACs, the SDO pin can daisy
chain several devices together and is enabled through a software
executable daisy-chain enable (DCEN) command. Command 1000
is reserved for this DCEN function (see Table 9). The daisy-chain
mode is enabled by setting Bit DB0 in the DCEN register. The
default setting is standalone mode, where DB0 = 0. Table 11
shows how the state of the bit corresponds to the mode of
operation of the device.
Table 11. Daisy-Chain Enable (DCEN) Register
DB0
Description
0
Standalone mode (default)
1
DCEN mode
68HC11*
MISO
SDI
SCLK
MOSI
SCK
PC7
PC6
SDO
SCLK
SDO
SCLK
SDO
SDI
SDI
SYNC
SYNC
SYNC
LDAC
LDAC
LDAC
AD5676
AD5676
AD5676
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 44. Daisy-Chaining the AD5676
The SCLK pin is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied, the
data ripples out of the input shift register and appears on the
SDO line. This data is clocked out on the rising edge of SCLK
and is valid on the falling edge. By connecting this line to the
SDI input on the next DAC in the chain, a daisy-chain interface is
constructed. Each DAC in the system requires 24 clock pulses.
Therefore, the total number of clock cycles must equal 24 × N,
where N is the total number of devices updated. If SYNC is
taken high at a clock that is not a multiple of 24, it is considered
a valid frame, and invalid data may be loaded to the DAC.
When the serial transfer to all devices is complete, SYNC goes
high, which latches the input data in each device in the daisy
chain and prevents any further data from being clocked into the
input shift register. The serial clock can be continuous or a gated
clock. If SYNC is held low for the correct number of clock
cycles, a continuous SCLK source is used. In gated clock mode,
use a burst clock containing the exact number of clock cycles,
and take SYNC high after the final clock to latch the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com