Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5675R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5675R Datasheet HTML 12Page - Analog Devices AD5675R Datasheet HTML 13Page - Analog Devices AD5675R Datasheet HTML 14Page - Analog Devices AD5675R Datasheet HTML 15Page - Analog Devices AD5675R Datasheet HTML 16Page - Analog Devices AD5675R Datasheet HTML 17Page - Analog Devices AD5675R Datasheet HTML 18Page - Analog Devices AD5675R Datasheet HTML 19Page - Analog Devices AD5675R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 15 of 27
TIME (µs)
0.004
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
15
16
17
18
19
20
21
22
VDD = 5V
GAIN = 1
TA = 25°C
VREF = 2.5V
CODE = 0x7FFF TO 0x8000
ENERGY = 1.209376nV-sec
Figure 31. Digital-to-Analog Glitch Impulse
TIME (µs)
–0.006
–0.005
–0.004
–0.003
–0.002
–0.001
0.001
0
0.002
0.003
0
2
4
6
8
10
12
14
16
18
20
ATTACK CHANNEL 1
ATTACK CHANNEL 2
ATTACK CHANNEL 3
ATTACK CHANNEL 4
ATTACK CHANNEL 5
ATTACK CHANNEL 6
ATTACK CHANNEL 7
Figure 32. Analog Crosstalk
TIME (µs)
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
0.012
0
2
4
6
8
10
12
14
16
18
20
ATTACK CHANNEL 1
ATTACK CHANNEL 2
ATTACK CHANNEL 3
ATTACK CHANNEL 4
ATTACK CHANNEL 5
ATTACK CHANNEL 6
ATTACK CHANNEL 7
Figure 33. DAC-to-DAC Crosstalk
1
CH1 5µV
M1.0sec
A CH1
401mV
Figure 34. 0.1 Hz to 10 Hz Output Noise
FREQUENCY (Hz)
0
200
400
600
800
1000
1200
10
100
1k
10k
100k
1M
FULL SCALE
MIDSCALE
ZERO SCALE
VDD = 5V
TA = 25°C
GAIN = 1
VREF = 2.5V
Figure 35. Noise Spectral Density (NSD)
FREQUENCY (kHz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
12
14
16
18
20
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 36. THD at 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com