Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5675R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5675R Datasheet HTML 13Page - Analog Devices AD5675R Datasheet HTML 14Page - Analog Devices AD5675R Datasheet HTML 15Page - Analog Devices AD5675R Datasheet HTML 16Page - Analog Devices AD5675R Datasheet HTML 17Page - Analog Devices AD5675R Datasheet HTML 18Page - Analog Devices AD5675R Datasheet HTML 19Page - Analog Devices AD5675R Datasheet HTML 20Page - Analog Devices AD5675R Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 16 of 27
TIME (ms)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0nF
0.1nF
1nF
4.7nF
10nF
VDD = 5V
GAIN = 1
TA = 25°C
VREF = 2.5V
Figure 37. Settling Time vs. Capacitive Load
TIME (µs)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
80
100
120
140
160
180
200
DAC 0
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
DAC 7
VDD = 5.5V
GAIN = 1
TA = 25°C
VREF = 2.5V
1/4 TO 3/4 SCALE
Figure 38. Settling Time, 5.5 V
TIME (µs)
0
0.1
0.2
0.3
0
1
2
3
–20
0
20
40
60
RESET
MIDSCALE, GAIN = 1
ZERO SCALE, GAIN = 1
Figure 39. Hardware Reset
FREQUENCY (Hz)
–30
–20
–10
0
1K
10K
100K
1M
10M
VDD = 5V
TA = 25°C
EXTERNAL REFERENCE = 2.5V, ±0.1Vp-p
GAIN = 1
VOUT = FULL SCALE
Figure 40. Multiplying Bandwidth, External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com