Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 115 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 115 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 111Page - Dallas Semiconductor DS2196L Datasheet HTML 112Page - Dallas Semiconductor DS2196L Datasheet HTML 113Page - Dallas Semiconductor DS2196L Datasheet HTML 114Page - Dallas Semiconductor DS2196L Datasheet HTML 115Page - Dallas Semiconductor DS2196L Datasheet HTML 116Page - Dallas Semiconductor DS2196L Datasheet HTML 117Page - Dallas Semiconductor DS2196L Datasheet HTML 118Page - Dallas Semiconductor DS2196L Datasheet HTML 119Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 157 page
background image
DS2196
115 of 157
TDC2A: TRANSMIT HDLC DS0 CONTROL REGISTER 2 FRAMER A
(Address = 93 Hex)
TDC2B: TRANSMIT HDLC DS0 CONTROL REGISTER 2 FRAMER B
(Address = 97 Hex)
(MSB)
(LSB)
TDB8
TDB7
TDB6
TDB5
TDB4
TDB3
TDB2
TDB1
SYMBOL
POSITION
NAME AND DESCRIPTION
TDB8
TDC2.7
DS0 Bit 8 Suppress Enable. MSB of the DS0. Set to 1 to stop
this bit from being used.
TDB7
TDC2.6
DS0 Bit 7 Suppress Enable. Set to 1 to stop this bit from
being used.
TDB6
TDC2.5
DS0 Bit 6 Suppress Enable. Set to 1 to stop this bit from
being used.
TDB5
TDC2.4
DS0 Bit 5 Suppress Enable. Set to 1 to stop this bit from
being used.
TDB4
TDC2.3
DS0 Bit 4 Suppress Enable. Set to 1 to stop this bit from
being used.
TDB3
TDC2.2
DS0 Bit 3 Suppress Enable. Set to 1 to stop this bit from
being used.
TDB2
TDC2.1
DS0 Bit 2 Suppress Enable. Set to 1 to stop this bit from
being used.
TDB1
TDC2.0
DS0 Bit 1 Suppress Enable. LSB of the DS0. Set to 1 to stop
this bit from being used.
18.2LEGACY FDL SUPPORT
18.2.1 Overview
The DS2196 maintains the circuitry that existed in the previous generation of Dallas Semiconductor’s
single chip transceivers and quad framers. Section 18.2 covers the circuitry and operation of this legacy
functionality. In new applications, it is recommended that the HDLC controller and BOC controller
described in Section 18.1 be used. On the receive side, it is possible to have both the new HDLC/BOC
controller and the legacy hardware working at the same time. However this is not possible on the
transmit side since there can be only one source the of the FDL data internal to the device.
18.2.2 Receive Section
In the receive section, the recovered FDL bits or Fs bits are shifted bit–by–bit into the Receive FDL
register (RFDL). Since the RFDL is 8 bits in length, it will fill up every 2 ms (8 times 250 us). The
framer will signal an external microcontroller that the buffer has filled via the SR2.4 bit. If enabled via
IMR2.4, the INT pin will toggle low indicating that the buffer has filled and needs to be read. The user
has 2 ms to read this data before it is lost. If the byte in the RFDL matches either of the bytes
programmed into the RMTCH1 or RMTCH2 registers, then the SR2.2 bit will be set to a 1 and the INT
pin will toggled low if enabled via IMR2.2. This feature allows an external microcontroller to ignore the
FDL or Fs pattern until an important event occurs.
The framer also contains a zero destuffer, which is controlled via the CCR2.0 bit. In both ANSI T1.403
and TR54016, communications on the FDL follows a subset of a LAPD protocol. The LAPD protocol
states that no more than five 1’s should be transmitted in a row so that the data does not resemble an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com