Electronic Components Datasheet Search
  English  ▼

X  

DS2196L Datasheet(PDF) 116 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 116 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 112Page - Dallas Semiconductor DS2196L Datasheet HTML 113Page - Dallas Semiconductor DS2196L Datasheet HTML 114Page - Dallas Semiconductor DS2196L Datasheet HTML 115Page - Dallas Semiconductor DS2196L Datasheet HTML 116Page - Dallas Semiconductor DS2196L Datasheet HTML 117Page - Dallas Semiconductor DS2196L Datasheet HTML 118Page - Dallas Semiconductor DS2196L Datasheet HTML 119Page - Dallas Semiconductor DS2196L Datasheet HTML 120Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 157 page
background image
DS2196
116 of 157
opening or closing flag (01111110) or an abort signal (11111111). If enabled via CCR2.0, the DS2196
will automatically look for five 1’s in a row, followed by a 0. If it finds such a pattern, it will
automatically remove the zero. If the zero destuffer sees six or more 1’s in a row followed by a 0, the 0 is
not removed. The CCR2.0 bit should always be set to a 1 when the DS2196 is extracting the FDL. More
on how to use the DS2196 in FDL applications in this legacy support mode is covered in a separate
Application Note.
RFDLA: RECEIVE FDL REGISTER from FRAMER A (Address = 28 Hex)
RFDLB: RECEIVE FDL REGISTER from FRAMER B (Address = C8 Hex)
(MSB)
(LSB)
RFDL7
RFDL6
RFDL5
RFDL4
RFDL3
RFDL2
RFDL1
RFDL0
SYMBOL
POSITION
NAME AND DESCRIPTION
RFDL7
RFDL.7
MSB of the Received FDL Code
RFDL0
RFDL.0
LSB of the Received FDL Code
The Receive FDL Register (RFDL) reports the incoming Facility Data Link (FDL) or the incoming Fs
bits. The LSB is received first.
RMTCH1A: RECEIVE FDL MATCH REGISTER 1 FRAMER A
(Address = 29 Hex)
RMTCH2A: RECEIVE FDL MATCH REGISTER 2 FRAMER A
(Address = 2A Hex)
RMTCH1B: RECEIVE FDL MATCH REGISTER 1 FRAMER B
(Address = C9 Hex)
RMTCH2B: RECEIVE FDL MATCH REGISTER 2 FRAMER B
(Address = CA Hex)
(MSB)
(LSB)
RMFDL7
RMFDL6
RMFDL5
RMFDL4
RMFDL3
RMFDL2
RMFDL1
RMFDL0
SYMBOL
POSITION
NAME AND DESCRIPTION
RMFDL7
RMTCH1A.7
RMTCH2A.7
RMTCH1B.7
RMTCH2B.7
MSB of the FDL Match Code
RMFDL0
RMTCH1A.0
RMTCH2A.0
RMTCH1B.0
RMTCH2B.0
LSB of the FDL Match Code
When the byte in the Receive FDL Register matches either of the two Receive Match Registers
(RMTCH1/RMTCH2), SR2.2 will be set to a 1 and the INT will go active if enabled via IMR2.2.
18.2.3 Transmit Section
The transmit section will shift out into the T1 data stream, either the FDL (in the ESF framing mode) or
the Fs bits (in the D4 framing mode) contained in the Transmit FDL register (TFDL). When a new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com