Electronic Components Datasheet Search
  English  ▼

X  

RC8650 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # RC8650
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button RC8650 Datasheet HTML 19Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 20Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 21Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 22Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 23Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 24Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 25Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 26Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
23
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
Table 2.1. DoubleTalk Phoneme Symbols
Table 2.2. Phoneme AttributeTokens
ApplicationsofPhonememode
Phoneme mode is useful for creating customized speech, when the
normal text-to-speech modes are inappropriate for producing the
desired voice effect. For example, Phoneme mode should be used
to change the stress or emphasis of specific words in a phrase. This
is because Phoneme mode allows voice attributes to be modified on
phoneme boundaries within each word, whereas Text mode allows
changes only at word boundaries. This is illustrated in the following
examples.
CTRL+A "d" CTRL+A "m" "//h aw -/d>/eh r
+<\\yy uw s p \iy k t uw \m iy dh ae
t -\w ey .+/"
Note that expression is disabled in this example, since the pitch varia-
tions due to the internal intonation algorithms would otherwise interfere
with the pitch tokens. Compare this with the same phrase produced in
Text mode with expression enabled:
CTRL+A "t" CTRL+A "e" "How dare you speak to
me that way!"
Phoneme mode is also useful in applications that provide their own
text-to-phoneme translation, such as the front end of a custom text-
to-speech system.
Speed (nS)
The synthesizer’s speech rate can be adjusted with this command,
from 0S (slowest) through 9S (fastest). The default rate is 1S (5S if the
VC bit of the Protocol Options Register is set to 0).
Voice (nO)
The text-to-speech synthesizer has eight standard voices and a
number of individual voice parameter controls that can be used to
independently vary the voice characteristics. Voices are selected with
the commands 0O through 7O, shown in Table 2.3. Because the Voice
command alters numerous internal voice parameters (articulation,
pitch, expression, tone, etc.), it should precede any individual voice
parameter control commands.
Table 2.3. Voice Presets
�
����������
�
�
�
�
�
����������������������
�����
�������
������������
��������������
�
����
�
����
�
�����������
Articulation (nA)
This command adjusts the articulation level, from 0A through 9A.
Excessively low articulation values tend to make the voice sound
slurred; very high values, on the other hand, can make the voice sound
choppy. The default articulation is 5A.
������
��������
��
�
�
�
�
������������������������
������������������������
������������������������
���������������������
���������������������
�
����������������������
�
����������������������
��������������������������������������������
A
das (Spanish)
M
me
AA
cot
N
new
AE
cat
NG
rung
AH
cut
NY
niño (Spanish)
AW
cow
O
no (Spanish)
AX
bottom
OW
boat
AY
bite
OY
boy
B
bib
P
pop
CH
church
PX
spot
D
did
R
ring
DH
either
RR
tres (Spanish)
DX
city
S
sell
E
ser (Spanish)
SH
shell
EH
bet
T
tin
EI
mesa (Spanish)
TH
thin
ER
bird
TX
stick
EW
acteur (French)
U
uno (Spanish)
EY
bake
UH
book
F
fee
UW
boot
G
gag
V
valve
H
he
W
we
I
libro (Spanish)
WH
when
IH
bit
Y
mayo (Spanish)
IX
rabbit
YY
you
IY
beet
Z
zoo
J
age
ZH
vision
K
cute
space
variable pause *
KX
ski
,
medium pause
L
long
.
long pause
Phoneme
Symbol
* Normally used between words; duration determined by nT command
Phoneme
Symbol
Example
Word
Example
Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com