Electronic Components Datasheet Search
  English  ▼

X  

RC8650 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RC8650
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RC8650 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 9Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 10Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 11Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
FUNCTIONAL DESCRIPTION
The RC8650 chipset includes a number of features that make it ide-
ally suited for any design requiring voice output. The RC8650’s major
features are described below.
Text-to-Speech Synthesizer
The RC8650 provides text-to-speech conversion with its integrated
DoubleTalk™ text-to-speech synthesizer. Any English text written to
the RC8650 is automatically converted into speech. Commands can
be embedded in the input stream to dynamically control the voice,
even at the phoneme level (phonemes are the basic sound units of
speech).
A greeting message can be stored in the RC8650 that is automati-
cally spoken immediately after the RC8650 is reset. Most any of the
commands recognized by the RC8650 may be included as part of the
greeting message, which can be used to set up custom default set-
tings and/or play a prerecorded message or tone sequence. An inte-
grated nonvolatile memory area is also provided for storing a custom
pronunciation dictionary, allowing the pronunciation of any character
string to be redefined.
MusicalTone Generator
An integrated, three-voice musical tone generator is capable of gen-
erating up to three tones simultaneously over a four-octave range.
Simple tones to attention-getting sounds can be easily created.
Touch-Tone Generator
The RC8650 includes an integrated DTMF (Touch-Tone) generator.
This is useful in telephony applications where standard DTMF tones
are used to signal a remote receiver, modem, or access the public
switched telephone network.
SinusoidalTone Generator
A precision, dual sinusoidal tone generator can synthesize the tones
often used in signaling applications. The tone frequencies can be
independently set, allowing signals such as call-progress tones to be
generated.
Recorded Audio Playback
Up to 15 minutes of prerecorded messages and sound effects can
be stored in the RC8650 for on-demand playback. Recordings are
stored in on-chip nonvolatile memory, providing zero-power message
storage. Additionally, the RC8650 can play eight-bit PCM and ADPCM
audio in real time, such as speech and/or sound effects stored in an
external memory or file system.
Analog-to-Digital Converter
The four channel, 8-bit A/D converter can be used to monitor battery
cell voltages, temperature, and other analog quantities. The ADC can
be programmed on the fly to convert any single channel, or scan up
to four channels repetitively.
Versatile I/O
All data is sent to the RC8650 through its built in serial and/or parallel
ports. For maximum flexibility, including infield product update capa-
bility, use of the serial port is recommended whenever possible.
The RC8650’s audio output is available in both analog and digital
formats. The analog output should be used in applications where
no further processing of the audio signal is required, such as driving
a speaker or headphones (the output still needs to be filtered and
amplified, however). The digital output is for applications that require
further processing of the audio signal, such as digital mixing or creat-
ing sound files for later playback.
RECOMMENDED CONNECTIONS
Power/Ground
Power and ground connections are made to multiple pins of the
RC8650 and RC46xx chips. Every VCC pin must be connected to
power, and every VSS pin must be connected to ground. To minimize
noise, the analog and digital circuits in the RC8650 use separate
power busses. These busses are brought out to separate pins and
should be tied to the supply as close as possible.
Make sure adequate decoupling is placed on the AVREF pin, as noise
present on this pin will also appear on the AO output pins and affect
A/D converter accuracy. In systems where the power supply is very
quiet, AVREF can be connected directly to VCC. Designs incorporating
a switching power supply, or supplies carrying heavy loads, may re-
quire filtering at the AVREF pin; a 150 Ω series VCC resistor in combina-
tion with a 100
µF capacitor to ground should suffice.
Connect any unused input pins to an appropriate signal level (see
Table 1.1). Leave any unused output pins and all NC pins uncon-
nected.
Chip Interconnects
Pins IC0 through IC32 and PIO0 through PIO7 must be connected be-
tween the RC8650 and RC46xx chips. IC30, IC31, and IC32 must have
47 k
Ω – 100 kΩ pullup resistors to VCC.
Clock Generator
The RC8650 has an internal oscillator and clock generator that can be
controlled by an external 7.3728 MHz crystal, ceramic resonator, or
external 7.3728 MHz clock source. If an external clock is used, con-
nect it to the XIN pin and leave XOUT unconnected. See Figure 1.2 for
recommended clock connections.
Figure 1.2. Clock Connections
���
����������
�����
�����
������
����
���
������
����
��������������
��
��
��
��
��
���
���



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com