Electronic Components Datasheet Search
  English  ▼

X  

RC8650 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # RC8650
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button RC8650 Datasheet HTML 36Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 37Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 38Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 39Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 40Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 41Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 42Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 43Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
40
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
Punctuation defined in the exception dictionary has priority over the
Punctuation Filter command. Any punctuation defined in the dictionary
will be used, regardless of the Punctuation Filter setting.
Note If the dollar sign character ($) is defined within the text frag-
ment of any exception, currency strings will not be read as dollars
and cents.
CHARACTER MODE EXCEPTIONS
Exceptions are defined independently for the Character and Text
modes of operation. The beginning of the Character mode exceptions
is defined by inserting the letter
C just before the first Character mode
exception. No exceptions prior to this marker will be used when the
RC8650 is in Character mode, nor will any exceptions past the marker
be used in Text mode. For example:
.
(Text mode exceptions)
.
()=
(optional; used if built in rules are not to be
used in no-match situations)
C
(Character mode exceptions marker)
.
.
(Character mode exceptions)
.
()=
(optional; used if built in rules are not to be
used in no-match situations)
APPLICATIONS
The following examples illustrate some ways in which the exception
dictionary can be used.
Correcting MispronouncedWords
Correcting mispronounced words is the most common application for
exception dictionaries.
S(EAR)CH=ER
$(OK)$=OW K EY
The first exception corrects the pronunciation of all words containing
search (search, searched, research, etc.). As this exception illustrates,
it is only necessary to define the problem word in its root form, and
only the part of the word that is mispronounced (ear, in this case). The
second exception corrects the word ok, but because of the left and
right contexts, will not cause other words (joke, look, etc.) to be incor-
rectly translated.
No Cussing, Please
The reading of specific characters or words can be suppressed by
writing exceptions in which no pronunciation is given.
(????)=
(YOU fill in the blanks!)
When Zero Isn’t Really Zero
When reading addresses or lists of numbers, the word “oh” is often
substituted for the digit 0. For example, we might say 1020 North East-
lake as “one oh two oh North Eastlake.” The digit 0 can be redefined
in this manner with the following exception:
(0)=OW
Acronyms and Abbreviations
Acronyms and abbreviations can be defined so the words they repre-
sent will be spoken.
$(KW)$=K IH L AH W AA T
$(DR)$=D AA K T ER
$(TV)$=T EH L AX V IH ZH IX N
String Parsing & Decryption
Sometimes the data that we would like to have read is not available in
a “ready-to-read” format. For example, the output of a GPS receiver
may look something like this:
$GPGGA,123456,2015.2607,N,...
The first 14 characters of the string consists of a fixed header and vari-
able time data, which we would like to discard. The following exception
ensures that the header will not be read:
($GPGGA,``````,)=
Note how wildcard tokens are used for handling the time data (8th–13th
characters), since the content of this field is variable.
The 15th–16th and 17th–18th characters represent the latitudinal co-
ordinate in degrees and minutes, respectively. The three exceptions
shown below handle the latitudinal component of the GPS string. Note
in the first exception how a null text fragment is used in the appropriate
position to generate the word “degrees,” without actually translating
any of the input characters.
,\\()\\.=D IX G R IY Z , ,
(.)=M IH N IH T S , ,
(,N,)=N OW R TH
L AE T IH T UW D
The four exceptions together will translate the example string as “20
degrees, 15 minutes, north latitude.” (Additional exceptions for han-
dling the seconds component, and digits themselves, are not shown
for clarity).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com