Electronic Components Datasheet Search
  English  ▼

X  

RC8650 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RC8650
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RC8650 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 9Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 10Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 11Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 12Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 13Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 14Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 15Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
Analog Audio Output
The analog output pins AO0 and AO1 are high impedance (10 kΩ
typical) outputs from the RC8650’s internal D/A converters. When us-
ing these outputs, the addition of an external low-pass filter is highly
recommended. When laying out the printed circuit board, avoid run-
ning digital lines near the AO lines in order to minimize induced noise
in the audio path. If space permits, run a guard ground next to the
AO traces.
The circuit shown in Figure 1.8 is a low-pass filter/power amplifier ca-
pable of delivering 1.1 W to an 8
Ω load, when operating from a +5 V
power supply (power output will be less when operating from +3.3 V).
Figure 1.8. 3 kHz Low-Pass Filter/Power Amplifier
�
�
���
�
�
�
�
�
�
�
�
������
�����
���
������
�������
�������
���
�
���
���
����������������
����������������
���
���
���
��������
������
�������
���������������
��������������
The amplifier’s shutdown pin can be controlled by the TS0 pin to mini-
mize current drain when the RC8650 is inactive.
Digital Audio Output
The digital audio pin DAOUT outputs the RC8650’s audio signal as
a digital audio stream consisting of 8 data bits per sample. The nor-
malized sampling rate for all text to speech modes and the DTMF
generator is 84 kbs (10,500 bytes/sec). The sinusoidal generator, pre-
recorded and real time audio playback mode rates are user program-
mable, so their normalized rates will vary. See the Pin Descriptions and
Audio Control Register command description for further details.
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
���
���
��
���
�
�
�
�
��
��
�
�
�
�
��
��
��
��
��������
��
��
��
���
��
����
�������
������
�����
����
����
����
����
����
����
����
����
���
�
����
��
��
���
��
���������
Figure 1.7. Method of Capturing Status Information for Driving External Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com