Electronic Components Datasheet Search
  English  ▼

X  

RC8650 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # RC8650
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button RC8650 Datasheet HTML 33Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 34Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 35Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 36Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 37Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 38Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 39Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 40Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
37
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
SINUSOIDAL TONE GENERATOR
The musical tone generator is capable of producing three tones simul-
taneously, and works well in applications which require neither precise
frequencies nor a “pure” (clean) output. The output is a pulse train rich
in harmonic energy, which tends to sound more interesting than pure
sinusoids in music applications.
The sinusoidal tone generator enables the simultaneous generation of
two sinusoidal waveforms. Applications for this generator range from
generating simple tones to telephone call-progress tones (such as a
dial tone or busy signal). The frequency range is 0 to 2746 Hz, with a
resolution of 4 to 11 Hz.
The sinusoidal tone generator is activated with the command nJ,
where n is an ASCII number between 0 and 99. Note the similarity to
the musical tone generator command, J, which uses no parameter.
The parameter n programs the internal sampling rate, much like the
Real Time Audio Playback command does; in fact, the sampling rate
fs has the same relationship to n as the Real Time Audio Playback
command:
fs = 617 / (155 – n)
Immediately following the nJ command are three binary parameter
bytes:
nJ Kd K1 K2
where Kd determines the tone duration, and K1 and K2 set the output
frequencies of generators 1 and 2, respectively.
The tone duration and frequencies are not only functions of these
parameters, but of n as well. The output amplitude is a function of
the Volume command (nV). The command and parameter values are
buffered within the RC8650, and can be intermixed with text and other
commands without restriction.
The tone duration Td is calculated as follows:
Td = Kd x 256 / fs (sec)
where 0
≤ Kd ≤ 255. Substituting the relationship fs = 617 / (155 – n)
into the above equation,
Td = Kd x (155 – n) / 2410 (sec)
Setting Kd = 1 yields the shortest duration; Kd = 0 (treated as 256)
the longest. Depending on the value of n, Td can range from 23 ms
to 16.5 sec.
The tone frequencies F1 and F2 are computed as follows:
Fi = Ki x fs / 1024 (Hz)
where 0
≤ Ki ≤ 255. Substituting the relationship fs = 617 / (155 - n)
into this equation,
Fi = Ki x 603 / (155 – n) (Hz)
Depending on the value of n, Fi can range from 0 Hz to 2746 Hz. If only
one tone is to be generated, the other tone frequency may be set to 0
(Ki = 0), or equal in frequency. Note, however, that due to the additive
nature of the tone generators, the output amplitude from both genera-
tors running at the same frequency will be twice that of just one genera-
tor running. Both K1 and K2 may be set to 0 to generate silence.
Note that the frequency step size and frequency range are strictly
functions of n. In general, the larger n is, the larger the step size and
range will be. The parameter Ki can be thought of as a multiplier, which
when multiplied by the step size, yields the output frequency. For ex-
ample, setting n = 95 (corresponding to an internal sampling rate of
10.28 kHz) results in a frequency step size of 603 / (155 - 95) Hz, or
10 Hz. Thus, the output frequency range spans 0 Hz to 255 x 10 Hz,
or 2550 Hz, in 10 Hz steps.
As an example, suppose your application needed to generate the tone
pair 440/350 Hz (a dial tone) for say, 2.5 seconds. We will choose n =
95, because it yields a convenient step size of 10 Hz. The tone duration
parameter Kd is calculated as follows:
Kd = 2410 x Td / (155 – n)
substituting Td = 2.5 (sec) and n = 95,
Kd = 2410 x 2.5 / (155 – 95) = 100
K1 (440 Hz) is computed as follows:
K1 = F1 x (155 – n) / 603
= 440 x (155 – 95) / 603 = 44
In like manner, K2 (350 Hz) is computed to be 35.
In order to embed the command in a text file, the computed values
must be converted into their ASCII equivalents: 100 = “d”, 44 = “,” and
35 = “#”. The complete command becomes
^A95Jd,#
which can be embedded within normal text for the synthesizer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com