Electronic Components Datasheet Search
  English  ▼

X  

RC8650 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # RC8650
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button RC8650 Datasheet HTML 24Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 25Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 26Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 27Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 28Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 29Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 30Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 31Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
Enable Exception Dictionary (U)
The exception dictionary is enabled with this command. If the RC8650
is in Phoneme mode, or if an exception dictionary has not been loaded,
the command will have no effect. The exception dictionary can be dis-
abled by issuing one of the mode commands D, T, or C.
TONE GENERATION COMMANDS
Musical/SinusoidalTone Generators (J/nJ)
The musical and sinusoidal tone generators are activated with these
commands. Refer to Section 3 for more information.
DTMF Generator (n*)
The DTMF (Touch-Tone) generator generates the 16 standard tone
pairs commonly used in telephone systems. Each tone is 100 ms in
duration, followed by a 100 ms inter-digit pause—more than satisfying
telephone signaling requirements (both durations can be extended to
500 ms by setting the DDUR bit of the Protocol Options Register). The
mapping of the command parameter n to the buttons on a standard
telephone is shown in Table 2.11.
�����
�����
��
������
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
�������������������
������������
�����������������������������
������������������������������
������������
Figure 2.1. Synchronous Digital AudioTransferTiming
Table 2.11. DTMF Dialer Button Map
�
������
�
�
�
�
��
�
�
�
�
�
��
�
��
�
��
�
��
�
��
�
��
�����
The “pause” tone can be used to generate longer inter-digit delays
in phone number strings, or to create precise silent periods in the
RC8650’s output. The generator’s output level can be adjusted with
the Volume command (nV). DTMF commands may be intermixed with
text and other commands without restriction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com