| Electronic Components Datasheet Search |
|
RC8650 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RC8650 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers |
|
35 / 48 page ![]() 35 RC8650 VOICE SYNTHESIZER RC SYSTEMS ���� �� ���� �� ��������� � �� ��������� � ��������� �� ��������� � ��������� � ��������� �� ��������� � ��������� �� ��������� � ��������� �� ��������� � ��������� � ��������� �� ��������� � ��������� �� ��������� � ��������� � �������� �� �������� � �������� �� �������� � �������� �� �������� � �������� ����� �������� �� �������� �������� � �� � � �� � �� � �� � � �� � �� � � �� � �� � �� � � �� � �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� �������� Table 3.1. Musical Note Pitch/KiValues The task of finding Ki for a particular musical note is greatly simplified by using Table 3.1. The tone generator can cover a four-octave range, from C two octaves below Middle C (Ki = 255), to D two octaves above Middle C (Ki = 14). Ki values less than 14 are not recommended. For example, the Voice frame DATA 24,64,0,0 will play Middle C using voice 1 (K1 = 64). Since K2 and K3 are zero, voices 2 and 3 will be silent during the frame. The duration of the note is a function of both the tempo KT and duration KD, which in this case is 24. As another example, DATA 48,64,51,43 plays a C-E-G chord, for a duration twice as long as the previous example. Choosingnotedurationsandtempo Table 3.2 lists suggested KD values for each of the standard musical note durations. This convention permits shorter (1/64th note) and inter- ������������� �� ����� ���� ������� ������ ��������� ��� �� �� �� �� ������������� � ����� ����� ����� ����� ����� ����� Table 3.2. Musical Note Duration/KDValues Using the suggested values, it turns out that most musical scores sound best when played at a tempo of 255 or faster (i.e., KTH = 0). Of course, the “right” tempo is the one that sounds the best. Play Command The Play command causes the voice data in the input buffer to begin playing. Additional Initialize commands and Voice frames may be sent to the RC8650 while the tone generator is operating. The TS pin and TS flag are asserted at this time, enabling the host to synchronize to the playing of the tone data. TS becomes inactive after all of the data has been played. Quit Command The Quit command marks the end of the tone data in the input buffer. The RC8650 will play the contents of the buffer up to the Quit com- mand, then return to the text-to-speech mode that was in effect when the tone generator was activated. Once the Quit command has been issued, the RC8650 will not accept any more data until the entire buf- fer has been played. ExampleTune The Basic program shown in Figure 3.2 reads tone generator data from a list of DATA statements and LPRINTs each value to the RC8650. The program assumes that the RC8650 is connected to a PC’s printer port, although output could be redirected to a COM port with the DOS MODE command. The astute reader may have noticed some “non-standard” note dura- tions in the DATA statements, such as the first two Voice frames in line 240. According to the original music, some voices were not to be played as long as the others during the beat. The F-C-F notes in the first frame are held for 46 counts, while the low F and C in the second frame are held for two additional counts. Adding the duration (first and fifth) bytes together, the low F and C do indeed add up to 48 counts (46 + 2), which is the standard duration of a quarter note. mediate note values to be played, while maintaining the same degree of accuracy. This is important when, for example, a thirty-second note is to be played staccato, or a note is dotted (multiplying its length by 1.5). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |