Electronic Components Datasheet Search
  English  ▼

X  

RC8650 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC8650
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC8650 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC8650 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
DoubleTalkRC8650
CMOS,3.3Volt/5Volt
VoiceSynthesizerChipset
© 1999-2003 RC Systems, Incorporated
DoubleTalk RC8650 User’s Manual Rev 2G
Revised 06/16/03
GENERAL DESCRIPTION
The RC8650 is a highly versatile voice and sound synthesizer, integrat-
ing a text-to-speech (TTS) processor, real time and prerecorded audio
playback, musical and sinusoidal tone generators, telephone dialer
and A/D converter, into an easy to use chipset. Using a standard serial
or eight bit bus interface, virtually any ASCII text can be streamed to
the RC8650 for automatic conversion into speech by the TTS proces-
sor. The audio playback modes augment the TTS processor for ap-
plications requiring very high voice quality and a relatively small, fixed
vocabulary, or applications requiring special sounds or sound effects.
The audio output is delivered in both analog and digital PCM audio for-
mats, which can be used to drive a speaker or digital audio stream.
The RC8650’s integrated TTS processor incorporates RC Systems’
DoubleTalk™ TTS technology, which is based on a patented voice
concatenation technique using real human voice samples. The Dou-
bleTalk TTS processor also gives the user unprecedented real-time
control of the speech signal, including pitch, volume, tone, speed,
expression, articulation, and so on.
Up to 3.5 MB of nonvolatile memory is included in the RC8650 for the
storage and on-demand playback of up to 15 minutes of prerecorded
messages and sound effects. A programmable “greeting” message
can be stored that is automatically played whenever the RC8650 is
powered up, allowing a custom message to be played or the RC8650’s
default settings to be reconfigured. A user-programmable dictionary
allows the pronunciation of virtually any character string to be rede-
fined, or even trigger the playback of tones, prerecorded messages
and sounds based on specific input patterns. All of these features can
be programmed and updated via a standard serial port, even in the
field after the RC8650 has been integrated into the end-product.
The RC8650 is comprised of two surface-mounted devices. Both oper-
ate from a +3.3 V or +5 V supply and consume very little power. Most
applications require only the addition of a lowpass filter/audio power
amplifier to implement a fully functional system.
RC8650 FUNCTIONAL BLOCK DIAGRAM
�������
�
���������
����
����
����
����
�����
����������
���
���
����
���
�
���������
�����������
������������
������
��������������
��������������������
��������
���������
����������
�������
��������������
����������������
�����������
������
���������
�������
�
�
�
�������
�������
�������
������
�
�������
���������
����
�����
�����
������
�������
�������
�������
�����
������
�����
�
����������
��������������
���������
���������������
����������
�������
����������
����
�����
������
������
��������
�����
���
����
���
�����
����
�����
������
���������
�


Similar Part No. - RC8650

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC865NP-101K SUMIDA-RC865NP-101K Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
RC865NP-102K SUMIDA-RC865NP-102K Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
RC865NP-103K SUMIDA-RC865NP-103K Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
RC865NP-121K SUMIDA-RC865NP-121K Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
RC865NP-122K SUMIDA-RC865NP-122K Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
More results

Similar Description - RC8650

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86XXX HOLTEK-HT86XXX Datasheet
195Kb / 28P
8-Bit Voice Synthesizer MCU
November 1, 2002
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
ADPCM VOICE SYNTHESIZER
logo
List of Unclassifed Man...
SD501 ETC-SD501 Datasheet
976Kb / 4P
3 SEC VOICE SYNTHESIZER
logo
Holtek Semiconductor In...
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
Voice Synthesizer 8-Bit MCU
February 20, 2006
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
VOICE SYNTHESIZER
July 1986
logo
Winbond
W528SXX WINBOND-W528SXX Datasheet
125Kb / 15P
ADPCM VOICE SYNTHESIZER(PowerSpeech)
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
logo
ATMEL Corporation
ATSAM9708 ATMEL-ATSAM9708_06 Datasheet
431Kb / 31P
128-voice Integrated Sound Synthesizer
logo
Curtis Electromusic.
CEM3394 CES-CEM3394 Datasheet
45Kb / 7P
uP CONTROLLABLE SYNTHESIZER VOICE
logo
JSC ALFA.
AS3394 ALFA-AS3394 Datasheet
505Kb / 8P
CONTROLLABLE SYNTHESIZER VOICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com