Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 35 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 35 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 31Page - fujitsu semiconductor LINR3 Datasheet HTML 32Page - fujitsu semiconductor LINR3 Datasheet HTML 33Page - fujitsu semiconductor LINR3 Datasheet HTML 34Page - fujitsu semiconductor LINR3 Datasheet HTML 35Page - fujitsu semiconductor LINR3 Datasheet HTML 36Page - fujitsu semiconductor LINR3 Datasheet HTML 37Page - fujitsu semiconductor LINR3 Datasheet HTML 38Page - fujitsu semiconductor LINR3 Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
35
0004AAH
I/O Port P02 - Pull-Up resistor Control Register
PUCR02
R/W
0004ABH
I/O Port P03 - Pull-Up resistor Control Register
PUCR03
R/W
0004ACH
I/O Port P04 - Pull-Up resistor Control Register
PUCR04
R/W
0004ADH
I/O Port P05 - Pull-Up resistor Control Register
PUCR05
R/W
0004AEH
I/O Port P06 - Pull-Up resistor Control Register
PUCR06
R/W
0004AFH
I/O Port P07 - Pull-Up resistor Control Register
PUCR07
R/W
0004B0H
Reserved
-
0004B1H
I/O Port P09 - Pull-Up resistor Control Register
PUCR09
R/W
0004B2H-
0004B4H
Reserved
-
0004B5H
I/O Port P13 - Pull-Up resistor Control Register
PUCR13
R/W
0004B6H-
0004B8H
Reserved
-
0004B9H
I/O Port P17 - Pull-Up resistor Control Register
PUCR17
R/W
0004BAH-
0004BBH
Reserved
-
0004BCH
I/O Port P00 - External Pin State Register
EPSR00
R
0004BDH
I/O Port P01 - External Pin State Register
EPSR01
R
0004BEH
I/O Port P02 - External Pin State Register
EPSR02
R
0004BFH
I/O Port P03 - External Pin State Register
EPSR03
R
0004C0H
I/O Port P04 - External Pin State Register
EPSR04
R
0004C1H
I/O Port P05 - External Pin State Register
EPSR05
R
0004C2H
I/O Port P06 - External Pin State Register
EPSR06
R
0004C3H
I/O Port P07 - External Pin State Register
EPSR07
R
0004C4H
Reserved
-
0004C5H
I/O Port P09 - External Pin State Register
EPSR09
R
0004C6H-
0004C8H
Reserved
-
0004C9H
I/O Port P13 - External Pin State Register
EPSR13
R
0004CAH-
0004CCH
Reserved
-
0004CDH
I/O Port P17 - External Pin State Register
EPSR17
R
I/O map MB96(F)32x (16 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com