Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 22Page - fujitsu semiconductor LINR3 Datasheet HTML 23Page - fujitsu semiconductor LINR3 Datasheet HTML 24Page - fujitsu semiconductor LINR3 Datasheet HTML 25Page - fujitsu semiconductor LINR3 Datasheet HTML 26Page - fujitsu semiconductor LINR3 Datasheet HTML 27Page - fujitsu semiconductor LINR3 Datasheet HTML 28Page - fujitsu semiconductor LINR3 Datasheet HTML 29Page - fujitsu semiconductor LINR3 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
MB96320 Series
26
FME-MB96320 rev 7
0000B2H
I2C0 - Seven bit Slave address Register
ISBA0
R/W
0000B3H
I2C0 - Seven bit Address mask Register
ISMK0
R/W
0000B4H
I2C0 - Data Register
IDAR0
R/W
0000B5H
I2C0 - Clock Control Register
ICCR0
R/W
0000B6H-
0000D3H
Reserved
-
0000D4H
USART2 - Serial Mode Register
SMR2
R/W
0000D5H
USART2 - Serial Control Register
SCR2
R/W
0000D6H
USART2 - TX Register
TDR2
W
0000D6H
USART2 - RX Register
RDR2
R
0000D7H
USART2 - Serial Status
SSR2
R/W
0000D8H
USART2 - Control/Com. Register
ECCR2
R/W
0000D9H
USART2 - Ext. Status Register
ESCR2
R/W
0000DAH
USART2 - Baud Rate Generator Register Low
BGRL2
BGR2
R/W
0000DBH
USART2 - Baud Rate Generator Register High
BGRH2
R/W
0000DCH
USART2 - Extended Serial Interrupt Register
ESIR2
R/W
0000DDH
Reserved
-
0000DEH
USART3 - Serial Mode Register
SMR3
R/W
0000DFH
USART3 - Serial Control Register
SCR3
R/W
0000E0H
USART3 - TX Register
TDR3
W
0000E0H
USART3 - RX Register
RDR3
R
0000E1H
USART3 - Serial Status
SSR3
R/W
0000E2H
USART3 - Control/Com. Register
ECCR3
R/W
0000E3H
USART3 - Ext. Status Register
ESCR3
R/W
0000E4H
USART3 - Baud Rate Generator Register Low
BGRL3
BGR3
R/W
0000E5H
USART3 - Baud Rate Generator Register High
BGRH3
R/W
0000E6H
USART3 - Extended Serial Interrupt Register
ESIR3
R/W
0000E7H-
0000EFH
Reserved
-
0000F0H-
0000FFH
External Bus area
EXTBUS0
R/W
I/O map MB96(F)32x (7 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com