Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 44 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 44 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 40Page - fujitsu semiconductor LINR3 Datasheet HTML 41Page - fujitsu semiconductor LINR3 Datasheet HTML 42Page - fujitsu semiconductor LINR3 Datasheet HTML 43Page - fujitsu semiconductor LINR3 Datasheet HTML 44Page - fujitsu semiconductor LINR3 Datasheet HTML 45Page - fujitsu semiconductor LINR3 Datasheet HTML 46Page - fujitsu semiconductor LINR3 Datasheet HTML 47Page - fujitsu semiconductor LINR3 Datasheet HTML 48Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
MB96320 Series
44
FME-MB96320 rev 7
0006EEH
External Bus - Area select register 4
EAS4
R/W
0006EFH
External Bus - Area select register 5
EAS5
R/W
0006F0H
External Bus - Mode register
EBM
R/W
0006F1H
External Bus - Clock and Function register
EBCF
R/W
0006F2H
External Bus - Address output enable register 0
EBAE0
R/W
0006F3H
External Bus - Address output enable register 1
EBAE1
R/W
0006F4H
External Bus - Address output enable register 2
EBAE2
R/W
0006F5H
External Bus - Control signal register
EBCS
R/W
0006F6H-
0007FFH
Reserved
-
000800H
CAN1 - Control register Low
CTRLRL1
CTRLR1
R/W
000801H
CAN1 - Control register High (reserved)
CTRLRH1
R
000802H
CAN1 - Status register Low
STATRL1
STATR1
R/W
000803H
CAN1 - Status register High (reserved)
STATRH1
R
000804H
CAN1 - Error Counter Low (Transmit)
ERRCNTL1
ERRCNT1
R
000805H
CAN1 - Error Counter High (Receive)
ERRCNTH1
R
000806H
CAN1 - Bit Timing Register Low
BTRL1
BTR1
R/W
000807H
CAN1 - Bit Timing Register High
BTRH1
R/W
000808H
CAN1 - Interrupt Register Low
INTRL1
INTR1
R
000809H
CAN1 - Interrupt Register High
INTRH1
R
00080AH
CAN1 - Test Register Low
TESTRL1
TESTR1
R/W
00080BH
CAN1 - Test Register High (reserved)
TESTRH1
R
00080CH
CAN1 - BRP Extension register Low
BRPERL1
BRPER1
R/W
00080DH
CAN1 - BRP Extension register High (reserved)
BRPERH1
R
00080EH-
00080FH
Reserved
-
000810H
CAN1 - IF1 Command request register Low
IF1CREQL1
IF1CREQ1
R/W
000811H
CAN1 - IF1 Command request register High
IF1CREQH1
R/W
000812H
CAN1 - IF1 Command Mask register Low
IF1CMSKL1
IF1CMSK1
R/W
000813H
CAN1 - IF1 Command Mask register High (re-
served)
IF1CMSKH1
R
I/O map MB96(F)32x (25 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com