Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 57 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 57 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 53Page - fujitsu semiconductor LINR3 Datasheet HTML 54Page - fujitsu semiconductor LINR3 Datasheet HTML 55Page - fujitsu semiconductor LINR3 Datasheet HTML 56Page - fujitsu semiconductor LINR3 Datasheet HTML 57Page - fujitsu semiconductor LINR3 Datasheet HTML 58Page - fujitsu semiconductor LINR3 Datasheet HTML 59Page - fujitsu semiconductor LINR3 Datasheet HTML 60Page - fujitsu semiconductor LINR3 Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
57
■ ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
*1: AVCC and VCC must be set to the same voltage. It is required that AVCC does not exceed VCC and that the voltage
at the analog inputs does not exceed AVCC neither when the power is switched on.
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS - 0.3 VSS + 6.0
V
AVCC
VSS - 0.3 VSS + 6.0
V
VCC = AVCC *1
AD Converter voltage references
AVRH,
AVRL
VSS - 0.3 VSS + 6.0
V
AVCC
≥ AVRH, AVCC ≥ AVRL,
AVRH
> AVRL, AVRL ≥ AVSS
Input voltage
VI
VSS - 0.3 VSS + 6.0
V
VI
≤ VCC + 0.3V *2
Output voltage
VO
VSS - 0.3 VSS + 6.0
V
VO
≤ VCC + 0.3V *2
Maximum Clamp Current
ICLAMP
-4.0
+4.0
mA
Applicable to general purpose
I/O pins *3
Total Maximum Clamp Current
Σ|ICLAMP|
-
40
mA
Applicable to general purpose
I/O pins *3
“L” level maximum output current
IOL1
-
15
mA Normal outputs with driving
strength set to 5mA
“L” level average output current
IOLAV1
-
5
mA Normal outputs with driving
strength set to 5mA
“L” level maximum overall output current
ΣIOL1
-
100
mA Normal outputs
“L” level average overall output current
ΣIOLAV1
-
50
mA Normal outputs
”H” level maximum output current
IOH1
-
-15
mA
Normal outputs with driving
strength set to 5mA
”H” level average output current
IOHAV1
-
-5
mA Normal outputs with driving
strength set to 5mA
”H” level maximum overall output current
ΣIOH1
-
-100
mA Normal outputs
”H” level average overall output current
ΣIOHAV1
-
-50
mA Normal outputs
Permitted Power dissipation (Flash de-
vices) *4
PD
-
300*5
mW TA=105oC
-
600*5
mW TA=85oC
-
750*5
mW TA=75oC
-
375*5
mW
TA=125oC, no Flash program/
erase *6
-
530*5
mW
TA=115oC, no Flash program/
erase *6
Operating ambient temperature
TA
0
+70
oC
MB96V300B
-40
+105
-40
+125
*6
Storage temperature
TSTG
-55
+150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com