Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 96 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 96 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 92Page - fujitsu semiconductor LINR3 Datasheet HTML 93Page - fujitsu semiconductor LINR3 Datasheet HTML 94Page - fujitsu semiconductor LINR3 Datasheet HTML 95Page - fujitsu semiconductor LINR3 Datasheet HTML 96Page - fujitsu semiconductor LINR3 Datasheet HTML 97Page - fujitsu semiconductor LINR3 Datasheet HTML 98Page - fujitsu semiconductor LINR3 Datasheet HTML 99Page - fujitsu semiconductor LINR3 Datasheet HTML 100Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
MB96320 Series
96
FME-MB96320 rev 7
■ EXAMPLE CHARACTERISTICS
1. Temperature dependency of power supply currents
The following diagrams show the current consumption of samples with typical wafer process parameters in differ-
ent operation modes.
Common condition for all operation modes:
•VCC = AVCC = 5.0V
•
Main clock = 4MHz external clock
•
Sub clock = 32kHz external clock
Operation mode details:
Mode name
Details
PLL Run 56
PLL Run mode current ICCPLL with the following settings:
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = 56MHz
•fCLKP2 = 28MHz
•
Regulator in High Power Mode
•
Core voltage at 1.9V (VRCR:HPM[1:0] = 11B)
•
2 Flash/ROM wait states (MTCRA=233AH)
•
RC oscillator and Sub oscillator stopped
PLL Run 48
PLL Run mode current ICCPLL with the following settings:
•fCLKS1 = fCLKS2 = 96MHz
•fCLKB = fCLKP1 = 48MHz
•fCLKP2 = 24MHz
•
Regulator in High Power Mode
•
Core voltage at 1.9V (VRCR:HPM[1:0] = 11B)
•
1 Flash/ROM wait states (MTCRA=6B09H)
•
RC oscillator and Sub oscillator stopped
PLL Run 24
PLL Run mode current ICCPLL with the following settings:
•fCLKS1 = fCLKS2 = 48MHz
•fCLKB = fCLKP1 = fCLKP2 = 24MHz
•
Regulator in High Power Mode
•
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
•
0 Flash/ROM wait states (MTCRA=2208H)
•
RC oscillator and Sub oscillator stopped
Main Run
Main Run mode current ICCMAIN with the following settings:
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = fCLKP2 = 4MHz
•
Regulator in High Power Mode
•
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
•
1 Flash/ROM wait states (MTCRA=0239H)
•
PLL, RC oscillator and Sub oscillator stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com