Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 87 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 87 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 83Page - fujitsu semiconductor LINR3 Datasheet HTML 84Page - fujitsu semiconductor LINR3 Datasheet HTML 85Page - fujitsu semiconductor LINR3 Datasheet HTML 86Page - fujitsu semiconductor LINR3 Datasheet HTML 87Page - fujitsu semiconductor LINR3 Datasheet HTML 88Page - fujitsu semiconductor LINR3 Datasheet HTML 89Page - fujitsu semiconductor LINR3 Datasheet HTML 90Page - fujitsu semiconductor LINR3 Datasheet HTML 91Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
87
I2C Timing
*1 : For use at over 100 kHz, set the peripheral clock 1 to at least 6 MHz.
*2 : Cb = capacitance of one bus line in pF.
*3 : tCLKP1 is the cycle time of the periperal clock CLKP1.
•VOH = 0.7 * VCC
•VOL = 0.3 * VCC
• CMOS Hysteresis 0.7/0.3 input selected
(TA = -40˚C to 125˚C, VCC = AVCC = 3.0V to 5.5V,VSS = AVSS =0V)
Parameter
Symbol
Standard-mode
Fast-mode*1
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
0
100
0
400
kHz
Hold time (repeated) START condition
SDA
↓→SCL↓
tHDSTA
4.0
⎯
0.6
⎯µs
“L” width of the SCL clock
tLOW
4.7
⎯
1.3
⎯µs
“H” width of the SCL clock
tHIGH
4.0
⎯
0.6
⎯µs
Set-up time for a repeated START condition
SCL
↑→SDA↓
tSUSTA
4.7
⎯
0.6
⎯µs
Data hold time
SCL
↓→SDA↓↑
tHDDAT
0
3.45
0
0.9
µs
Data set-up time
SDA
↓↑→SCL↑
tSUDAT
250
⎯
100
⎯
ns
Set-up time for STOP condition
SCL
↑→SDA↑
tSUSTO
4.0
⎯
0.6
⎯µs
Bus free time between a STOP and START
condition
tBUS
4.7
⎯
1.3
⎯µs
Output fall time from 0.7*Vcc to 0.3*Vcc with
a bus capacitance from 10 pF to 400 pF
tof
20 + 0.1*Cb *2
250
20 + 0.1*Cb *2
250
ns
Capacitive load for each bus line
Cb
⎯
400
⎯
400
pF
Pulse width of spikes which will be sup-
pressed by input noise filter
tSP
n/a
n/a
0
1*tCLKP1*3
ns
SDA
SCL
tLOW
tSUDAT
tHDSTA
tBUS
tHDSTA
tHDDAT
tHIGH
tSUSTA
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com