Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 85 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 85 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 81Page - fujitsu semiconductor LINR3 Datasheet HTML 82Page - fujitsu semiconductor LINR3 Datasheet HTML 83Page - fujitsu semiconductor LINR3 Datasheet HTML 84Page - fujitsu semiconductor LINR3 Datasheet HTML 85Page - fujitsu semiconductor LINR3 Datasheet HTML 86Page - fujitsu semiconductor LINR3 Datasheet HTML 87Page - fujitsu semiconductor LINR3 Datasheet HTML 88Page - fujitsu semiconductor LINR3 Datasheet HTML 89Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
85
USART timing
WARNING: The values given below are for an I/O driving strength IOdrive = 5mA. If IOdrive is 2mA, all the maximum
output timing described in the different tables must then be increased by 10ns.
Notes:
• AC characteristic in CLK synchronized mode.
• CL is the load capacity value of pins when testing.
• Depending on the used machine clock frequency, the maximum possible baud rate can be limited by some
parameters. These parameters are shown in “MB96300 Super series HARDWARE MANUAL”
• tCLKP1 is the cycle time of the peripheral clock 1 (CLKP1), Unit : ns
*1: Parameter N depends on tSCYCI and can be calculated as follows:
• if tSCYCI = 2*k*tCLKP1, then N = k, where k is an integer > 2
• if tSCYCI = (2*k+1)*tCLKP1, then N = k+1, where k is an integer > 1
Examples:
(TA = -40˚C to 125˚C, VCC = 3.0V to 5.5V, VSS = AVSS = 0V, IOdrive = 5mA, CL = 50pF)
Parameter
Symbol
Pin
Condition
VCC =AVCC= 4.5V
to 5.5V
VCC =AVCC= 3.0V
to 4.5V
Unit
Min
Max
Min
Max
Serial clock cycle time
tSCYCI
SCKn
Internal Shift
Clock Mode
4 tCLKP1
⎯
4 tCLKP1
⎯
ns
SCK
↓→ SOT delay
time
tSLOVI
SCKn,
SOTn
-20
+20
-30
+30
ns
SOT
→ SCK ↑ delay
time
tOVSHI
SCKn,
SOTn
N*tCLKP1
- 20 *1
⎯
N*tCLKP1 -
30 *1
⎯
ns
Valid SIN
→ SCK ↑
tIVSHI
SCKn,
SINn
tCLKP1 +
45
⎯
tCLKP1 +
55
⎯
ns
SCK
↑→ Valid SIN
hold time
tSHIXI
SCKn,
SINn
0
⎯
0
⎯
ns
Serial clock “L” pulse
width
tSLSHE
SCKn
External Shift
Clock Mode
tCLKP1 +
10
⎯
tCLKP1 +
10
⎯
ns
Serial clock “H” pulse
width
tSHSLE
SCKn
tCLKP1 +
10
⎯
tCLKP1 +
10
⎯
ns
SCK
↓→ SOT delay
time
tSLOVE
SCKn,
SOTn
⎯
2 tCLKP1
+ 45
⎯
2 tCLKP1
+ 55
ns
Valid SIN
→ SCK ↑
tIVSHE
SCKn,
SINn
tCLKP1/2
+ 10
⎯
tCLKP1/2 +
10
⎯
ns
SCK
↑→ Valid SIN
hold time
tSHIXE
SCKn,
SINn
tCLKP1 +
10
⎯
tCLKP1 +
10
⎯
ns
SCK fall time
tFE
SCKn
⎯
20
⎯
20
ns
SCK rise time
tRE
SCKn
⎯
20
⎯
20
ns
tSCYCI
N
4*tCLKP1
2
5*tCLKP1, 6*tCLKP1
3
7*tCLKP1, 8*tCLKP1
4
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com